Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM8024 Datasheet(PDF) 14 Page - Analog Devices

Part # LTM8024
Description  Triple 3A, Ultralow Noise, High PSRR, Ultrafast μModule Linear Regulator with Configurable Output Array
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8024 Datasheet(HTML) 14 Page - Analog Devices

Back Button LTM8024 Datasheet HTML 10Page - Analog Devices LTM8024 Datasheet HTML 11Page - Analog Devices LTM8024 Datasheet HTML 12Page - Analog Devices LTM8024 Datasheet HTML 13Page - Analog Devices LTM8024 Datasheet HTML 14Page - Analog Devices LTM8024 Datasheet HTML 15Page - Analog Devices LTM8024 Datasheet HTML 16Page - Analog Devices LTM8024 Datasheet HTML 17Page - Analog Devices LTM8024 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
LTM4709
14
Rev. 0
For more information www.analog.com
range. The X5R and X7R dielectrics result in more sta-
ble characteristics and are more suitable for use as the
output capacitor.
DC BIAS VOLTAGE (V)
BOTH CAPACITORS ARE 16V,
1210 CASE SIZE, 10µF
0
–100
–80
6
4
2
8
10
12
4709 F04
14
0
20
–60
–40
X5R
Y5V
–20
16
Figure 4. Ceramic Capacitor DC Bias Characteristics
The X7R type has better stability across temperatures,
while the X5R is less expensive and is available in higher
values. Care still must be taken when using X5R and
X7R capacitors; the X5R and X7R codes only specify the
operating temperature range and maximum capacitance
change over temperature. Capacitance change due to DC
bias with X5R and X7R capacitors is better than Y5V and
Z5U capacitors but can still be significant enough to drop
capacitor values below appropriate levels. Capacitor DC
bias characteristics tend to improve as component case
size increases but expected capacitance at operating
voltage should be verified. Voltage and temperature coeffi-
cients are not the only source of problems. Some ceramic
capacitors have a piezoelectric response. A piezoelectric
device generates a voltage across its terminals due to
mechanical stress, like the way a piezoelectric micro-
phone works. For a ceramic capacitor, the stress can be
induced by vibrations in the system or thermal transients.
Stability and Input Capacitance
The LTM4709 is stable with a minimum capacitance of
4.7μF connected to the VIN pins. Use low ESR capac-
itors to minimize instantaneous voltage drops under
large load step conditions. Large VIN droop during
transient may cause the regulator to enter dropout with
the corresponding degradation in load transient response.
Additional input and output capacitance may be necessary
depending on an application’s requirements. Sufficient
input capacitance is critical as the circuit is intentionally
operated close to dropout to minimize power. Ideally, the
output impedance of the supply that powers VIN should be
less than 20mΩ to support a large change in the load step.
In case where wire is used to connect a power supply to
the input of the LTM4709 (and from the ground of the
LTM4709 back to the power supply ground), large input
capacitors are required to avoid an unstable application.
This is due to the inductance of the wire forming an LC
tank circuit with the input capacitor and not a result of the
LTM4709 being unstable. The self-inductance is directly
proportional to its length. The width of a routing trace
does not have a major influence on its self-inductance as
compared to its length. For example, 1 inch of 18-AWG,
0.04-inch-wide routing trace has 28nH of self-inductance.
The self-inductance of a 2-AWG trace with a width of 0.26-
inch is about half the inductance of the 18-AWG wire.
The overall self-inductance of a trace can be reduced in
two ways. One is to divide the current flow toward the
LTM4709 between two parallel conduction paths. In this
case, the farther the wires are placed apart from each
other, the more the inductance is reduced, up to a 50%
reduction when placed a few inches apart. Splitting the
wires basically connects two equal inductors in parallel.
However, when placed near each other, mutual inductance
is added to the overall self-inductance of the wires. The
most effective way to reduce overall inductance is to place
the forward and returning conductors (the trace for the
input and the trace for the return ground) in very close
proximity. In this case, two 18-AWG wires separated by
0.05-inch reduces the overall self-inductance to about
one-fourth of a single trace. If the LTM4709 is powered
by a battery mounted in proximity with ground and power
planes on the same circuit board, a 10μF input capacitor
is sufficient for stability. If, however, the LTM4709 is pow-
ered by a distant supply, use a low ESR, large value input
capacitor in the order of 220μF.
Bias Requirement
The BIAS1,2,3 pin supplies current to the internal control
circuitry and the output stage driving the pass transistor.
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com