Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM8024 Datasheet(PDF) 15 Page - Analog Devices

Part # LTM8024
Description  Triple 3A, Ultralow Noise, High PSRR, Ultrafast μModule Linear Regulator with Configurable Output Array
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8024 Datasheet(HTML) 15 Page - Analog Devices

Back Button LTM8024 Datasheet HTML 11Page - Analog Devices LTM8024 Datasheet HTML 12Page - Analog Devices LTM8024 Datasheet HTML 13Page - Analog Devices LTM8024 Datasheet HTML 14Page - Analog Devices LTM8024 Datasheet HTML 15Page - Analog Devices LTM8024 Datasheet HTML 16Page - Analog Devices LTM8024 Datasheet HTML 17Page - Analog Devices LTM8024 Datasheet HTML 18Page - Analog Devices LTM8024 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
LTM4709
15
Rev. 0
For more information www.analog.com
A 2.2μF bypass capacitor has already been integrated
between the BIAS pin and GND inside the LTM4709,
so no bypass capacitor is needed on the BIAS pin. To
ensure proper operation, the BIAS voltage must satisfy
the following conditions: 2.375V ≤ VBIAS ≤ 5.5V and VBIAS
≥ (VOUT + 1.2V). For VOUT ≤ 1.15V, the minimum BIAS
voltage is limited to 2.375V.
Load Regulation
The LTM4709 corrects for parasitic package and PCB I-R
drops when the VOUTS1,2,3 pin is Kelvin connected to the
remote load. The LTM4709 handles moderate levels of
output line impedance, but excessive impedance between
VOUT and COUT causes a phase shift in the feedback loop
and adversely affects stability.
PCB Layout Considerations
Given the LTM4709’s high bandwidth and high PSRR,
care must be taken to the PCB layout of the application
circuit to fully employ the high-performance of LTM4709.
Figure 14 shows a recommended layout that delivers the
best performance of the μModule. Refer to the DC3211A
evaluation board demo manual for further details.
Protection Features
The LTM4709 has an internal current limit that typically
clamps output current to 3.3A when the IMONR pin
is connected to GND. In addition, the LTM4709 has a
±2.4% accurate programmable precision current limit. If
the ambient temperature is high enough, the die junction
temperature can exceed the maximum operation tempera-
ture of LTM4709. If this occurs, the LTM4709 relies on
an internal thermal safety feature. At 168°C typically, the
LTM4709 thermal shutdown is triggered, and the output
is shut down until the IC temperature falls below its ther-
mal hysteresis which is 7
°C.
Current Monitor and Externally Programmable
Current Limit
The current limit threshold voltage on the IMON1,2,3 pin
is 1V. Connecting a resistor from IMON to GND sets the
maximum current flowing out of the IMON pin, which in
turn programs the LTM4709’s current limit. If the IMONR
pin is connected to GND with the IMON pin floating, it
directly programs the current limit to 3.3A. The current
limit equals to 3000/resistance. For example, with a 1.5k
resistor to GND, the current limit is set at 2A. The voltage
at the IMON pin, VIMON, can be used to monitor output
current IOUT as well. By connecting the resistor R between
IMON and GND, output current IOUT can be calculated
with Equation 3.
IOUT =
VIMON • 3000
R
(3)
Paralleling Devices for Higher Output Current
Multiple outputs of a single LTM4709 or multiple
LTM4709 can be paralleled to obtain a higher output
current. To achieve the paralleling, tie the VIN pins and
the VREF pins of the multiple devices together. The output
of the LTM4709 needs to be connected to a common
load using a small ballast resistor (2mΩ), beyond the
feedback VOUTS pin of each channel. The ballast resistor
ensures output current sharing. See the circuit schematic
(Figure 17) for parallel operation.
Output Noise
The LTM4709 offers many advantages with respect to
noise performance. Traditional linear regulators have sev-
eral sources of noise. The most critical ones are from
the voltage reference, error amplifier, and the resistor
divider network used to set the output voltage. Inside the
LTM4709, a 2.2μF bypass capacitor is connected between
VREF and GND to filter out voltage reference noise, result-
ing in a low output noise set just by the error amplifier’s
noise – typically 1.3μVRMS in a frequency range from
10Hz to 100kHz.
Filtering High-Frequency Spikes
For applications where the LTM4709 is used to post
regulate a switching converter, its high PSRR effectively
suppresses any noise present at the switcher’s switch-
ing frequency – typically 100kHz to 1MHz. However, the
very high frequency (hundreds of MHz) spikes – beyond
the LTM4709’s bandwidth associated with the switcher’s
power switch transition times will almost directly pass
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com