Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8159ASVZ Datasheet(PDF) 14 Page - Analog Devices

Part # AD8159ASVZ
Description  3.2 Gbps Quad Buffer Mux/Demux
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8159ASVZ Datasheet(HTML) 14 Page - Analog Devices

Back Button AD8159ASVZ Datasheet HTML 10Page - Analog Devices AD8159ASVZ Datasheet HTML 11Page - Analog Devices AD8159ASVZ Datasheet HTML 12Page - Analog Devices AD8159ASVZ Datasheet HTML 13Page - Analog Devices AD8159ASVZ Datasheet HTML 14Page - Analog Devices AD8159ASVZ Datasheet HTML 15Page - Analog Devices AD8159ASVZ Datasheet HTML 16Page - Analog Devices AD8159ASVZ Datasheet HTML 17Page - Analog Devices AD8159ASVZ Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
AD8159
Rev. A | Page 14 of 24
A
B
C
C
A
B
AD8159
DC-COUPLED
EVALUATION BOARD
TEST BACKPLANE
50Ω
50Ω
50Ω CABLE
50Ω CABLE
50Ω CABLE
PATTERN
GENERATOR
DATA OUT
HIGH SPEED
REAL-TIME
OSCILLOSCOPE
50Ω
A
B
C
C
A
B
AD8159
DC-COUPLED
EVALUATION BOARD
50Ω
50Ω
50Ω CABLE
NOTES
1. SINGLE-ENDED REPRESENTATION
DEVICE UNDER TEST
Figure 34. Equalization Test Circuit
Note: Test Circuit Used for Figure 19 and Figure 20
50Ω CABLE
PATTERN
GENERATOR
DATA OUT
HIGH SPEED
SAMPLING
OSCILLOSCOPE
50Ω
A
B
C
C
A
B
AD8159
AC-COUPLED
EVALUATION BOARD
50Ω CABLE
NOTES
1. SINGLE-ENDED REPRESENTATION
50Ω
50Ω
Figure 35. Random Jitter Test Circuit
Note: Test Circuit Used for Figure 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com