Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8159ASVZ Datasheet(PDF) 17 Page - Analog Devices

Part # AD8159ASVZ
Description  3.2 Gbps Quad Buffer Mux/Demux
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8159ASVZ Datasheet(HTML) 17 Page - Analog Devices

Back Button AD8159ASVZ Datasheet HTML 13Page - Analog Devices AD8159ASVZ Datasheet HTML 14Page - Analog Devices AD8159ASVZ Datasheet HTML 15Page - Analog Devices AD8159ASVZ Datasheet HTML 16Page - Analog Devices AD8159ASVZ Datasheet HTML 17Page - Analog Devices AD8159ASVZ Datasheet HTML 18Page - Analog Devices AD8159ASVZ Datasheet HTML 19Page - Analog Devices AD8159ASVZ Datasheet HTML 20Page - Analog Devices AD8159ASVZ Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
AD8159
Rev. A | Page 17 of 24
Table 12. Loopback, Bicast, and Port Select Settings1
LB_A
LB_B
LB_C
SEL
BICAST
OUT_A
OUT_B
OUT_C
0
0
0
0
0
IN_C
Idle
IN_A
0
0
0
0
1
IN_C
IN_C
IN_A
0
0
0
1
0
Idle
IN_C
IN_B
0
0
0
1
1
IN_C
IN_C
IN_B
0
0
1
0
0
IN_C
Idle
IN_C
0
0
1
X
1
IN_C
IN_C
IN_C
0
0
1
1
0
Idle
IN_C
IN_C
0
1
0
0
X
IN_C
IN_B
IN_A
0
1
0
1
0
Idle
IN_B
IN_B
0
1
0
1
1
IN_C
IN_B
IN_B
0
1
1
0
X
IN_C
IN_B
IN_C
0
1
1
1
0
Idle
IN_B
IN_C
0
1
1
X
1
IN_C
IN_B
IN_C
1
0
0
0
0
IN_A
Idle
IN_A
1
0
0
0
1
IN_A
IN_C
IN_A
1
0
0
1
X
IN_A
IN_C
IN_B
1
0
1
0
0
IN_A
Idle
IN_C
1
0
1
X
1
IN_A
IN_C
IN_C
1
0
1
1
X
IN_A
IN_C
IN_C
1
1
0
0
X
IN_A
IN_B
IN_A
1
1
0
1
X
IN_A
IN_B
IN_B
1
1
1
X
X
IN_A
IN_B
IN_C
1 Switching is done on a lane-by-lane basis, but input equalization, output pre-emphasis, and loopback are set for each port.
PORT C REVERSE (CROSSOVER) CAPABILITY
X4
X4
X4
X4
X4
X4
1:2 DEMUX
OUT_A[3:0]
OUT_B[3:0]
IN_B[3:0]
IN_A[3:0]
X4
REVERSE_C
2:1 MUX
IN_C [3:0]/OUT_C[3:0]
X4
OUT_C [3:0]/IN_C[3:0]
I/O
SWITCH
I/O
SWITCH
Port C has a reversible I/O capability. The sense (input vs.
output) of the Port C pins can be swapped by toggling the
REVERSE_C control pin. This feature has been added to
facilitate the connection to different ASICs that may have
the opposite pinouts.
Figure 37 illustrates the reversible I/O function of Port C, and
Table 5 describes this function in a selection table that
corresponds to a TQFP-100 package. Please note that the
reverse capability is supported only on Port C.
Figure 37. Port C Reverse I/O Capability



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com