| Electronic Components Datasheet Search |
|
AD9396 Datasheet(PDF) 39 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9396 Datasheet(HTML) 39 Page - Analog Devices |
|
39 / 48 page ![]() AD9396 Rev. 0 | Page 39 of 48 2-WIRE SERIAL CONTROL PORT A 2-wire serial interface control is provided in the AD9396. Up to two AD9396 devices can be connected to the 2-wire serial interface, with a unique address for each device. The 2-wire serial interface comprises a clock (SCL) and a bidirectional data (SDA) pin. The analog flat panel interface acts as a slave for receiving and transmitting data over the serial interface. When the serial interface is not active, the logic levels on SCL and SDA are pulled high by external pull-up resistors. Data received or transmitted on the SDA line must be stable for the duration of the positive-going SCL pulse. Data on SDA must change only when SCL is low. If SDA changes state while SCL is high, the serial interface interprets that action as a start or stop sequence. There are six components to serial bus operation: • Start signal • Slave address byte • Base register address byte • Data byte to read or write • Stop signal • Acknowledge (Ack) When the serial interface is inactive (SCL and SDA are high) communications are initiated by sending a start signal. The start signal is a high-to-low transition on SDA while SCL is high. This signal alerts all slave devices that a data transfer sequence is coming. The first eight bits of data transferred after a start signal comprise a 7 bit slave address (the first 7 bits) and a single R/W bit (the 8th bit). The R/W bit indicates the direction of data transfer, read from (1) or write to (0) the slave device. If the transmitted slave address matches the address of the device (set by the state of the SA0 input pin, as shown in Table 21), the AD9396 acknowledges by bringing SDA low on the 9th SCL pulse. If the addresses do not match, the AD9396 does not acknowledge. Table 21. Serial Port Addresses Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 A6 (MSB) A5 A4 A3 A2 A1 A0 1 0 0 1 1 0 0 Data Transfer via Serial Interface For each byte of data read or written, the MSB is the first bit of the sequence. If the AD9396 does not acknowledge the master device during a write sequence, the SDA remains high so the master can gener- ate a stop signal. If the master device does not acknowledge the AD9396 during a read sequence, the AD9396 interprets this as end of data. The SDA remains high, so the master can generate a stop signal. Writing data to specific control registers of the AD9396 requires that the 8-bit address of the control register of interest be writ- ten after the slave address has been established. This control register address is the base address for subsequent write opera- tions. The base address auto-increments by one for each byte of data written after the data byte intended for the base address. If more bytes are transferred than there are available addresses, the address does not increment and remains at its maximum value. Any base address higher than the maximum value does not produce an acknowledge signal. Data are read from the control registers of the AD9396 in a similar manner. Reading requires two data transfer operations: • The base address must be written with the R/W bit of the slave address byte low to set up a sequential read operation. • Reading (the R/W bit of the slave address byte high) begins at the previously established base address. The address of the read register auto-increments after each byte is transferred. To terminate a read/write sequence to the AD9396, a stop signal must be sent. A stop signal comprises a low-to-high transition of SDA while SCL is high. A repeated start signal occurs when the master device driving the serial interface generates a start signal without first genera- ting a stop signal to terminate the current communication. This is used to change the mode of communication (read, write) between the slave and master without releasing the serial interface lines. SDA SCL tBUFF tSTAH tDHO tDSU tDAL tDAH tSTASU tSTOSU Figure 16. Serial Port Read/Write Timing |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |