Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9396 Datasheet(PDF) 9 Page - Analog Devices

Part # AD9396
Description  Analog/DVI Dual-Display Interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9396 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9396 Datasheet HTML 5Page - Analog Devices AD9396 Datasheet HTML 6Page - Analog Devices AD9396 Datasheet HTML 7Page - Analog Devices AD9396 Datasheet HTML 8Page - Analog Devices AD9396 Datasheet HTML 9Page - Analog Devices AD9396 Datasheet HTML 10Page - Analog Devices AD9396 Datasheet HTML 11Page - Analog Devices AD9396 Datasheet HTML 12Page - Analog Devices AD9396 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
AD9396
Rev. 0 | Page 9 of 48
Mnemonic
Description
RxC+
Digital Data Clock True.
RxC−
Digital Data Clock Complement.
This clock pair receives a TMDS clock at 1× pixel data rate.
HSYNC 0
Horizontal Sync Input Channel 0.
HSYNC 1
Horizontal Sync Input Channel 1.
These inputs receive a logic signal that establishes the horizontal timing reference and provides the frequency
reference for pixel clock generation. The logic sense of this pin is controlled by Serial Register 0x12, Bits 5:4 (HSYNC
polarity). Only the leading edge of HSYNC is active; the trailing edge is ignored. When HSYNC polarity = 0, the falling
edge of HSYNC is used. When HSYNC polarity = 1, the rising edge is active. The input includes a Schmitt trigger for
noise immunity.
VSYNC 0
Vertical Sync Input Channel 0.
VSYNC 1
Vertical Sync Input Channel 1.
These are the inputs for vertical sync.
SOGIN 0
Sync-on-Green Input Channel 0.
SOGIN 1
Sync-on-Green Input Channel 1.
These inputs are provided to assist with processing signals with embedded sync, typically on the green channel. The
pin is connected to a high speed comparator with an internally generated threshold. The threshold level can be
programmed in 10 mV steps to any voltage between 10 mV and 330 mV above the negative peak of the input signal.
The default voltage threshold is 150 mV. When connected to an ac-coupled graphics signal with embedded sync, it
produces a noninverting digital output on SOGOUT. (This is usually a composite sync signal, containing both vertical
and horizontal sync (HSYNC) information that must be separated before passing the horizontal sync signal to HSYNC.)
When not used, this input should be left unconnected. For more details on this function and how it should be
configured, refer to the HSYNC and VSYNC Inputs section.
EXTCLK/COAST
Coast Input to Clock Generator (Optional).
This input may be used to cause the pixel clock generator to stop synchronizing with HSYNC and continue producing a
clock at its current frequency and phase. This is useful when processing signals from sources that fail to produce
horizontal sync pulses during the vertical interval. The coast signal is generally not required for PC-generated signals.
The logic sense of this pin is controlled by coast polarity (Register 0x18, Bits 6:5). When not used, this pin may be
grounded and input coast polarity programmed to 1 (Register 0x18, Pin 5), or tied high (to VD through a 10 kΩ resistor)
and input coast polarity programmed to 0. Input coast polarity defaults to 1 at power-up. This pin is shared with the
EXTCLK function, which does not affect coast functionality. For more details on coast, see the description in the Clock
Generation section.
EXTCLK/COAST
External Clock.
This allows the insertion of an external clock source rather than the internally generated PLL-locked clock. This pin is
shared with the coast function, does not affect EXTCLK functionality.
RTERM
RTERM is the termination resistor used to drive the AD9396 internally to a precise 50 Ω termination for TMDS lines. This
should be a 500 Ω 1% tolerance resistor.
PWRDN
Power-Down Control/Three-State Control.
The function of this pin is programmable via Register 0x26 [2:1].
FILT
External Filter Connection.
For proper operation, the pixel clock generator PLL requires an external filter. Connect the filter shown in Figure 6 to
this pin. For optimal performance, minimize noise and parasitics on this node. For more information see the section on
PCB Layout Recommendations.
OUTPUTS
HSOUT
Horizontal Sync Output.
A reconstructed and phase-aligned version of the HSYNC input. Both the polarity and duration of this output can be
programmed via the serial bus registers. By maintaining alignment with DATACK and Data, data timing with respect to
horizontal sync can always be determined.
VSOUT
Vertical Sync Output.
The separated VSYNC from a composite signal or a direct passthrough of the VSYNC signal. The polarity of this output
can be controlled via serial bus bit (Register 0x24 [6]).
SOGOUT
Sync-on-Green Slicer Output.
This pin outputs one of four possible signals (controlled by Register 0x24 [2:1]): raw SOG, raw HSYNC, regenerated
HSYNC from the filter, or the filtered HSYNC. See Figure 8, the Sync Processing Block Diagram, to view how this pin is
connected. (Note: besides slicing off SOG, the output from this pin is not processed on the AD9396. VSYNC separation
is performed via the sync separator.
O/E FIELD
Odd/Even Field Bit for Interlaced Video. This output identifies whether the current field (in an interlaced signal) is odd
or even. The polarity of this signal is programmable via Register 0x24 [4].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com