Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9396 Datasheet(PDF) 19 Page - Analog Devices

Part # AD9396
Description  Analog/DVI Dual-Display Interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9396 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD9396 Datasheet HTML 15Page - Analog Devices AD9396 Datasheet HTML 16Page - Analog Devices AD9396 Datasheet HTML 17Page - Analog Devices AD9396 Datasheet HTML 18Page - Analog Devices AD9396 Datasheet HTML 19Page - Analog Devices AD9396 Datasheet HTML 20Page - Analog Devices AD9396 Datasheet HTML 21Page - Analog Devices AD9396 Datasheet HTML 22Page - Analog Devices AD9396 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 48 page
background image
AD9396
Rev. 0 | Page 19 of 48
VSYNC Filter and Odd/Even Fields
The VSYNC filter is used to eliminate spurious VSYNCs,
maintain a consistent timing relationship between the VSYNC
and HSYNC output signals, and generate the odd/even field
output.
The filter works by examining the placement of VSYNC with
respect to HSYNC and, if necessary, slightly shifting it in time at
the VSOUT output. The goal is to keep the VSYNC and
HSYNC leading edges from switching at the same time,
eliminating confusion as to when the first line of a frame
occurs. Enabling the VSYNC filter is done with Register
0x21[5]. Use of the VSYNC filter is recommended for all cases,
including interlaced video and is required when using the
HSYNC per VSYNC counter. Figure 12 illustrates even/odd
field determination in two situations.
FIELD 1
FIELD 0
SYNC SEPARATOR THRESHOLD
FIELD 1
FIELD 0
23
2
1
44
31
HSIN
VSIN
VSOUT
O/E FIELD
EVEN FIELD
QUADRANT
Figure 11.
FIELD 1
FIELD 0
SYNC SEPARATOR THRESHOLD
FIELD 1
FIELD 0
23
2
1
4
31
HSIN
VSIN
4
VSOUT
O/E FIELD
ODD FIELD
QUADRANT
Figure 12. VSYNC Filter—Odd/Even
DVI RECEIVER
The DVI receiver section of the AD9396 allows the reception of
a digital video stream compatible with DVI 1.0. Embedded in
this data stream are HSYNCs, VSYNCs and display enable (DE)
signals. DVI restricts the received format to RGB, but the
inclusion of a programmable color space converter (CSC)
allows the output to be tailored to any format necessary. With
this, the scaler following the AD9396 can specify that it always
wishes to receive a particular format—for instance, 4:2:2
YCrCb—regardless of the transmitted mode. If RGB is sent, the
CSC can easily convert that to 4:2:2 YCrCb while relieving the
scaler of this task.
DE GENERATOR
The AD9396 has an on-board generator for DE, for start of
active video (SAV), and for end of active video (EAV), all of
which are necessary for describing the complete data stream for
a BT656-compatible output. In addition to this particular
output, it is possible to generate the DE for cases in which a
scaler is not used. This signal alerts the following circuitry as to
which are displayable video pixels.
4:4:4 TO 4:2:2 FILTER
The AD9396 contains a filter that allows it to convert a signal
from YCrCb 4:4:4 to YCrCb 4:2:2 while maintaining the
maximum accuracy and fidelity of the original signal.
Input Color Space to Output Color space
The AD9396 can support a wide variety of output formats, such
as the following:
•
RGB 24-bit
•
4:4:4 YCrCb 8-bit
•
4:2:2 YCrCb 8-bit, 10-bit, and 12-bit
•
Dual 4:2:2 YCrCb 8-bit
Color Space Conversion (CSC) Matrix
The color space conversion (CSC) matrix in the AD9396
consists of three identical processing channels. In each channel,
three input values are multiplied by three separate coefficients.
Also included are an offset value for each row of the matrix and
a scaling multiple for all values. Each value has a 13-bit, twos
complement resolution to ensure the signal integrity is main-
tained. The CSC is designed to run at speeds up to 150 MHz
supporting resolutions up to 1080p at 60 Hz. With any-to-any
color space support, formats such as RGB, YUV, YCbCr, and
others are supported by the CSC.
The main inputs, RIN, GIN, and BIN come from the 8-bit to 12-bit
inputs from each channel. These inputs are based on the input
format detailed in Table 11. The mapping of these inputs to the
CSC inputs is shown in Table 10.
Table 10. CSC Port Mapping
Input Channel
CSC Input Channel
R/CR
RIN
Gr/Y
GIN
B/CB
B
B
IN
One of the three channels is represented in Figure 13. In each
processing channel the three inputs are multiplied by three
separate coefficients marked a1, a2, and a3. These coefficients
are divided by 4096 to obtain nominal values ranging from
−0.9998 to +0.9998. The variable labeled ‘a4’ is used as an offset
control. The CSC_Mode setting is the same for all three
processing channels. This multiplies all coefficients and offsets
by a factor of 2CSC_Mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com