Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C6D08065Q Datasheet(PDF) 2 Page - WOLFSPEED, INC.

Part # C6D08065Q
Description  6th Generation 650 V, 8 A Silicon Carbide Schottky Diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

C6D08065Q Datasheet(HTML) 2 Page - WOLFSPEED, INC.

  C6D08065Q Datasheet HTML 1Page - WOLFSPEED, INC. C6D08065Q Datasheet HTML 2Page - WOLFSPEED, INC. C6D08065Q Datasheet HTML 3Page - WOLFSPEED, INC. C6D08065Q Datasheet HTML 4Page - WOLFSPEED, INC. C6D08065Q Datasheet HTML 5Page - WOLFSPEED, INC. C6D08065Q Datasheet HTML 6Page - WOLFSPEED, INC. C6D08065Q Datasheet HTML 7Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
C6D08065Q
2
Rev. 0, December 2021
© 2021 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300 | wolfspeed.com/power
Electrical Characteristics
Parameter
Symbol
Typ.
Max.
Unit
Test Conditions
Notes
Forward Voltage
V
F
1.27
1.5
V
I
F = 8 A, Tj = 25 °C
Fig. 1
1.37
1.6
I
F = 8 A, Tj = 175 °C
Reverse Current
I
R
2
20
µ
A
V
R = 650 V, Tj = 25 °C
Fig. 2
15
200
V
R = 650 V, Tj = 175 °C
Total Capacitive Charge
Q
C
29
nC
V
R = 400 V, Tj = 25 °C
Fig. 5
Total Capacitance
C
518
pF
V
R = 0 V, Tj = 25 °C, f = 1 MHz
Fig. 6
56
V
R = 200 V, Tj = 25 °C, f = 1 MHz
45
V
R = 400 V, Tj = 25 °C, f = 1 MHz
Capacitance Stored Energy
E
c
4.4
µ
J
V
R = 400 V
Fig. 7
Notes:
SiC Schottky Diodes are majority carrier devices, so there is no reverse recovery charge.
Thermal & Mechanical Characteristics
Parameter
Symbol
Value
Unit
Notes
Thermal Resistance, Junction to Case (Typ.)
R
θ
, JC
1.8
°C / W
Junction Temperature
T
j
-55 to +175
°C
Case & Storage Temperature
T
c
-55 to +150
Maximum Processing Temperature
T
PROC
325
10 min max.
Electrostatic Discharge (ESD) Classifications
Parameter
Symbol
Notes
Human Body Model
HBM
Class 3B (
Class 3B (≥≥ 8000 V)
8000 V)
Charge Device Model
CDM
Class C3 (
Class C3 (≥≥ 1000 V)
1000 V)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com