Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C6D08065Q Datasheet(PDF) 7 Page - WOLFSPEED, INC.

Part # C6D08065Q
Description  6th Generation 650 V, 8 A Silicon Carbide Schottky Diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

C6D08065Q Datasheet(HTML) 7 Page - WOLFSPEED, INC.

  C6D08065Q Datasheet HTML 1Page - WOLFSPEED, INC. C6D08065Q Datasheet HTML 2Page - WOLFSPEED, INC. C6D08065Q Datasheet HTML 3Page - WOLFSPEED, INC. C6D08065Q Datasheet HTML 4Page - WOLFSPEED, INC. C6D08065Q Datasheet HTML 5Page - WOLFSPEED, INC. C6D08065Q Datasheet HTML 6Page - WOLFSPEED, INC. C6D08065Q Datasheet HTML 7Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
C6D08065Q
7
Rev. 0, December 2021
© 2021 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300 | wolfspeed.com/power
© 2021 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
PATENT: https://www.wolfspeed.com/legal/patents
The information in this document is subject to change without notice.
Contact info:
4600 Silicon Drive
Durham, NC 27703 USA
Tel: +1.919.313.5300
www.wolfspeed.com/power
Notes & Disclaimer
This document and the information contained herein are subject to change without notice. Any such change
shall be evidenced by the publication of an updated version of this document by Wolfspeed. No communication
from any employee or agent of Wolfspeed or any third party shall effect an amendment or modification of this
document. No responsibility is assumed by Wolfspeed for any infringement of patents or other rights of third
parties which may result from use of the information contained herein. No license is granted by implication or
otherwise under any patent or patent rights of Wolfspeed.
Notwithstanding any application-specific information, guidance, assistance, or support that Wolfspeed may
provide, the buyer of this product is solely responsible for determining the suitability of this product for the
buyer’s purposes, including without limitation for use in the applications identified in the next bullet point, and
for the compliance of the buyers’ products, including those that incorporate this product, with all applicable legal,
regulatory, and safety-related requirements.
This product has not been designed or tested for use in, and is not intended for use in, applications in which failure
of the product would reasonably be expected to cause death, personal injury, or property damage, including but
not limited to equipment implanted into the human body, life-support machines, cardiac defibrillators, and similar
emergency medical equipment, aircraft navigation, communication, and control systems, aircraft power and
propulsion systems, air traffic control systems, and equipment used in the planning, construction, maintenance,
or operation of nuclear facilities.
RoHS Compliance
The levels of RoHS restricted materials in this product are below the maximum concentration values (also referred
to as the threshold limits) permitted for such substances, or are used in an exempted application, in accordance
with EU Directive 2011/65/EC (RoHS2), as implemented January 2, 2013. RoHS Declarations for this product can
be obtained from your Wolfspeed representative or from the Product Documentation sections of www.wolfspeed.
com.
REACh Compliance
REACh substances of high concern (SVHCs) information is available for this product. Since the European Chemical
Agency (ECHA) has published notice of their intent to frequently revise the SVHC listing for the foreseeable future,
please contact your Wolfspeed representative to ensure you get the most up-to-date REACh SVHC Declaration.
REACh banned substance information (REACh Article 67) is also available upon request.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com