Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C6D08065Q Datasheet(PDF) 4 Page - WOLFSPEED, INC.

Part # C6D08065Q
Description  6th Generation 650 V, 8 A Silicon Carbide Schottky Diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

C6D08065Q Datasheet(HTML) 4 Page - WOLFSPEED, INC.

  C6D08065Q Datasheet HTML 1Page - WOLFSPEED, INC. C6D08065Q Datasheet HTML 2Page - WOLFSPEED, INC. C6D08065Q Datasheet HTML 3Page - WOLFSPEED, INC. C6D08065Q Datasheet HTML 4Page - WOLFSPEED, INC. C6D08065Q Datasheet HTML 5Page - WOLFSPEED, INC. C6D08065Q Datasheet HTML 6Page - WOLFSPEED, INC. C6D08065Q Datasheet HTML 7Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
C6D08065Q
4
Rev. 0, December 2021
© 2021 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300 | wolfspeed.com/power
Figure 7
Capacitance Stored Energy
Typical Performance



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com