Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX13052ASA/AUT Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX13052ASA/AUT
Description  Industry-Standard High-Speed CAN Transceivers with 짹80V Fault Protection
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX13052ASA/AUT Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX13052ASA/AUT Datasheet HTML 2Page - Maxim Integrated Products MAX13052ASA/AUT Datasheet HTML 3Page - Maxim Integrated Products MAX13052ASA/AUT Datasheet HTML 4Page - Maxim Integrated Products MAX13052ASA/AUT Datasheet HTML 5Page - Maxim Integrated Products MAX13052ASA/AUT Datasheet HTML 6Page - Maxim Integrated Products MAX13052ASA/AUT Datasheet HTML 7Page - Maxim Integrated Products MAX13052ASA/AUT Datasheet HTML 8Page - Maxim Integrated Products MAX13052ASA/AUT Datasheet HTML 9Page - Maxim Integrated Products MAX13052ASA/AUT Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Industry-Standard High-Speed CAN
Transceivers with ±80V Fault Protection
6
_______________________________________________________________________________________
tWAKE
0.9V
VDIFF
RXD
STANDBY MODE
DOMINANT
Timing Diagrams
Typical Operating Characteristics
(VCC = +5V, RL = 60
Ω, CL = 100pF, VCC2 = +3.3V, and TA = +25°C, unless otherwise noted.)
SLEW RATE
vs. RRS AT 100kbps
RRS (k
Ω)
180
160
140
120
100
80
60
40
20
5
10
15
20
25
30
0
0
200
RECESSIVE
DOMINANT
MAX13052
SUPPLY CURRENT
vs. DATA RATE
DATA RATE (kbps)
900
800
700
600
500
400
300
200
100
20
25
30
35
40
15
0
1000
TA = +25°C
TA = -40°C
TA = +125°C
STANDBY SUPPLY CURRENT
vs. TEMPERATURE (RS = VCC)
TEMPERATURE (
°C)
100
75
25
50
0
-25
11.0
12.0
13.0
14.0
15.0
16.0
17.0
18.0
19.0
20.0
10.0
-50
125
MAX13052
Figure 2. Timing Diagram for Standby and Wake-Up Signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com