Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX13052ASA/AUT Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX13052ASA/AUT
Description  Industry-Standard High-Speed CAN Transceivers with 짹80V Fault Protection
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX13052ASA/AUT Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX13052ASA/AUT Datasheet HTML 7Page - Maxim Integrated Products MAX13052ASA/AUT Datasheet HTML 8Page - Maxim Integrated Products MAX13052ASA/AUT Datasheet HTML 9Page - Maxim Integrated Products MAX13052ASA/AUT Datasheet HTML 10Page - Maxim Integrated Products MAX13052ASA/AUT Datasheet HTML 11Page - Maxim Integrated Products MAX13052ASA/AUT Datasheet HTML 12Page - Maxim Integrated Products MAX13052ASA/AUT Datasheet HTML 13Page - Maxim Integrated Products MAX13052ASA/AUT Datasheet HTML 14Page - Maxim Integrated Products MAX13052ASA/AUT Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Industry-Standard High-Speed CAN
Transceivers with ±80V Fault Protection
______________________________________________________________________________________
11
(Figure 3). The transmitter becomes enabled upon
detecting a rising edge at TXD.
Receiver
The receiver reads differential inputs from the bus lines
(CANH, CANL) and transfers this data as a single-
ended output (RXD) to the CAN controller. It consists of
a comparator that senses the difference VDIFF =
(CANH - CANL) with respect to an internal threshold of
0.7V. If this difference is positive (i.e., VDIFF > 0.7), a
logic-low is present at RXD. If negative (i.e., VDIFF <
0.7V), a logic-high is present.
The CANH and CANL common-mode range is greater
than ±12V. RXD is logic-high when CANH and CANL
are shorted or terminated and undriven.
+3.3V Logic Compatibility (MAX13054)
A separate input, VCC2, allows the MAX13054 to com-
municate with +3.3V logic systems while operating from
a +5V supply. This provides a reduced input voltage
threshold to the TXD and STBY inputs, and provides a
logic-high output at RXD compatible with the microcon-
troller’s system voltage. The logic compatibility elimi-
nates longer propagation delay due to level shifting.
Connect VCC2 to VCC to operate the MAX13054 with
+5V logic systems.
Driver Output Protection
The current-limiting feature protects the transmitter out-
put stage against a short circuit to a positive and nega-
tive battery voltage. Although the power dissipation
increases during this fault condition, current-limit pro-
tection prevents destruction of the transmitter output
stage. Upon removal of a short, the CAN transceiver
resumes normal operation.
Thermal Shutdown
If the junction temperature exceeds +165°C, the driver
is switched off. The hysteresis is approximately 13°C,
TXD
RS
CANH
CANL
BUS STATE
RXD
Low
VRS
≤ 0.75 x VCC
High
Low
Dominant
Low
High or Float
VRS
≤ 0.75 x VCC
VCC / 2
VCC / 2
Recessive
High
XVRS
≥ 0.75 x VCC
RICM to GND
RICM to GND
Recessive
High
TXD
RS
CANH
CANL
BUS STATE
RXD
Low
VS < 0.8V
High
Low
Dominant
Low
High or Float
VS < 0.8V
VCC / 2
VCC / 2
Recessive
High
XVS > 2V
VCC / 2
VCC / 2
Recessive
High
Table 2. Transmitter and Receiver Truth Table (MAX13052)
TXD
STBY
CANH
CANL
BUS STATE
RXD
Low
VSTBY
≤ 0.8V
*VSTBY
≤ 0.3 x VCC2
High
Low
Dominant
Low
High or Float
VSTBY
≤ 0.8V
*VSTBY
≤ 0.3 x VCC2
VCC / 2
VCC / 2
Recessive
High
X
VSTBY
≥ 2V
*VSTBY
≥ 0.7 x VCC2
RICM to GND
RICM to GND
Recessive
High
Table 3. Transmitter and Receiver Truth Table
(MAX13053)
(MAX13050/MAX13054)
TRANSMITTER
DISABLED
TRANSMITTER
ENABLED
tDOM
TXD
VCANH - VCANL
Figure 3. Transmitter Dominant Timeout Timing Diagram
*For the MAX13054



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com