Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX13052ASA/AUT Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX13052ASA/AUT
Description  Industry-Standard High-Speed CAN Transceivers with 짹80V Fault Protection
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX13052ASA/AUT Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX13052ASA/AUT Datasheet HTML 1Page - Maxim Integrated Products MAX13052ASA/AUT Datasheet HTML 2Page - Maxim Integrated Products MAX13052ASA/AUT Datasheet HTML 3Page - Maxim Integrated Products MAX13052ASA/AUT Datasheet HTML 4Page - Maxim Integrated Products MAX13052ASA/AUT Datasheet HTML 5Page - Maxim Integrated Products MAX13052ASA/AUT Datasheet HTML 6Page - Maxim Integrated Products MAX13052ASA/AUT Datasheet HTML 7Page - Maxim Integrated Products MAX13052ASA/AUT Datasheet HTML 8Page - Maxim Integrated Products MAX13052ASA/AUT Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
General Description
The MAX13050/MAX13052/MAX13053/MAX13054 are
pin-for-pin compatible, industry-standard, high-speed,
control area network (CAN) transceivers with extended
±80V fault protection. These products are ideal automo-
tive and industrial network applications where overvoltage
protection is required. These CAN transceivers provide a
link between the CAN protocol controller and the physical
wires of the bus lines in a CAN. These devices can be
used for +12V/+42V battery, automotive, and DeviceNet®
applications, requiring data rates up to 1Mbps.
The CAN transceivers have an input common-mode
range greater than ±12V, exceeding the ISO11898
specification of -2V to +7V, and feature ±8kV ESD pro-
tection, making these devices ideal for harsh automo-
tive and industrial environments.
The CAN transceivers provide a dominant timeout func-
tion that prevents erroneous CAN controllers from clamp-
ing the bus to a dominant level if the TXD input is held low
for greater than 1ms. The MAX13050/MAX13052 provide
a SPLIT pin used to stabilize the recessive common-
mode voltage. The MAX13052 also has a slope-control
mode that can be used to program the slew rate of the
transmitter for data rates of up to 500kbps. The
MAX13053 features a silent mode that disables the trans-
mitter. The MAX13053 also has a reference output that
can be used to bias the input of older CAN controllers
that have a differential comparator. The MAX13054 has a
separate dedicated logic input, VCC2, allowing interfacing
with a +3.3V microcontroller.
The MAX13050/MAX13052/MAX13053/MAX13054 are
available in an 8-pin SO package and are specified to
operate in the -40°C to +85°C and the -40°C to +125°C
temperature ranges.
Features
♦ Fully Compatible with the ISO11898 Standard
♦ ±8kV ESD IEC 61000-4-2 Contact Discharge per
IBEE Test Facility
♦ ±80V Fault Protection
♦ +3.3V Logic Compatible (MAX13054)
♦ High-Speed Operation of Up to 1Mbps
♦ Slope-Control Mode (MAX13052)
♦ Greater than ±12V Common-Mode Range
♦ Low-Current Standby Mode
♦ Silent Mode (MAX13053)
♦ Thermal Shutdown
♦ Short-Circuit Protection
♦ Transmit (TXD) Data Dominant Timeout
♦ Current Limiting
♦ SPLIT Pin (MAX13050/MAX13052)
Industry-Standard High-Speed CAN
Transceivers with ±80V Fault Protection
________________________________________________________________ Maxim Integrated Products
1
Ordering Information
19-3598; Rev 0; 2/05
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
PART
TEMP RANGE
PIN-PACKAGE
MAX13050ESA
-40°C to +85°C
8 SO
MAX13050ASA/AUT*
-40°C to +125°C
8 SO
MAX13052ESA
-40°C to +85°C
8 SO
MAX13052ASA/AUT*
-40°C to +125°C
8 SO
MAX13053ESA
-40°C to +85°C
8 SO
MAX13053ASA/AUT*
-40°C to +125°C
8 SO
MAX13054ESA
-40°C to +85°C
8 SO
MAX13054ASA/AUT*
-40°C to +125°C
8 SO
Selector Guide
PART
SPLIT
SLOPE
CONTROL
STANDBY
MODE
SILENT
MODE
3.3V
SUPPLY
REF
PIN-FOR-PIN
REPLACEMENT
MAX13050
Yes
—
Yes
—
—
—
TJA1040
MAX13052
Yes
Yes
Yes
—
—
—
PCA82C250/5-1
MAX13053
—
—
—
Yes
—
Yes
TJA1050,
AMIS-30660
MAX13054
—
—
Yes
Yes
—
TLE6250v33,
CF163
Pin Configurations, Functional Diagrams, and Typical
Operating Circuits appear at end of data sheet.
+12V and +42V
Automotive
DeviceNet Nodes
Medium- and Heavy-Duty
Truck Systems
Industrial
Applications
*AUT denotes introduction to AECQ100 specifications.
DeviceNet is a registered trademark of the Open DeviceNet
Vendor Association.


Similar Part No. - MAX13052ASA/AUT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX13052ASA MAXIM-MAX13052ASA Datasheet
298Kb / 20P
Industry-Standard High-Speed CAN Transceivers with 80,-80V Fault Protection
Rev 1; 2/13
MAX13052ASA MAXIM-MAX13052ASA Datasheet
298Kb / 20P
Industry-Standard High-Speed CAN Transceivers
Rev 1; 2/13
More results

Similar Description - MAX13052ASA/AUT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LBC031Q TI-SN65LBC031Q Datasheet
141Kb / 10P
HIGH-SPEED CONTROLLER AREA NETWORK CAN TRANSCEIVERS
logo
Agilent(Hewlett-Packard...
HFBR-5111 HP-HFBR-5111 Datasheet
287Kb / 15P
Low Cost, Industry Standard FDDI MIC Transceivers
logo
Maxim Integrated Produc...
MAX3050 MAXIM-MAX3050 Datasheet
360Kb / 12P
짹80V Fault-Protected, 2Mbps, Low Supply Current CAN Transceivers
Rev 0; 10/02
MAX3053 MAXIM-MAX3053 Datasheet
317Kb / 11P
짹80V Fault-Protected, 2Mbps, Low Supply Current CAN Transceiver
Rev 0; 4/02
MAX3054 MAXIM-MAX3054 Datasheet
503Kb / 18P
짹80V Fault-Protected/Tolerant CAN Transceivers for In-Car Applications
Rev 0; 11/02
MAX13051 MAXIM-MAX13051 Datasheet
251Kb / 12P
짹80V Fault-Protected Can Transceiver with Autobaud
Rev 0; 11/04
MAX13050ASA MAXIM-MAX13050ASA Datasheet
298Kb / 20P
Industry-Standard High-Speed CAN Transceivers with 80,-80V Fault Protection
Rev 1; 2/13
logo
Texas Instruments
SN75LBC031D TI1-SN75LBC031D Datasheet
825Kb / 17P
HIGH-SPEED CONTROLLER AREA NETWORK (CAN) TRANSCEIVERS
logo
Maxim Integrated Produc...
MAX13052ASA MAXIM-MAX13052ASA Datasheet
298Kb / 20P
Industry-Standard High-Speed CAN Transceivers
Rev 1; 2/13
logo
Kinetic Technologies.
KTU1000 KINETIC-KTU1000 Datasheet
768Kb / 13P
USB Hi-Speed Switch with Fault Protection
August 2020 - Revision 04d
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com