Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDB3308 Datasheet(PDF) 5 Page - Cirrus Logic

Part # CDB3308
Description  Evaluation Board for CS3308
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB3308 Datasheet(HTML) 5 Page - Cirrus Logic

  CDB3308 Datasheet HTML 1Page - Cirrus Logic CDB3308 Datasheet HTML 2Page - Cirrus Logic CDB3308 Datasheet HTML 3Page - Cirrus Logic CDB3308 Datasheet HTML 4Page - Cirrus Logic CDB3308 Datasheet HTML 5Page - Cirrus Logic CDB3308 Datasheet HTML 6Page - Cirrus Logic CDB3308 Datasheet HTML 7Page - Cirrus Logic CDB3308 Datasheet HTML 8Page - Cirrus Logic CDB3308 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
DS702DB2
5
CDB3308
2. PC SOFTWARE CONTROL
The CDB3308 is designed for use with the Microsoft Windows based FlexGUI graphical user interface. This inter-
face provides comprehensive control over the CS3308’s internal registers via a PC’s USB or RS-232 port.
The FlexGUI software may be downloaded and installed from www.cirrus.com/msasoftware.
Step-by-step instructions for using the FlexGUI are provided as follows:
1.
Download and install the FlexGUI software from www.cirrus.com/msasoftware.
2.
Connect the CDB3308 to a host PC using the supplied USB cable or a 9-pin serial cable.
3.
Apply positive power, negative power, and ground to the VA+, VA-, and GND binding posts respectively.
4.
Launch the FlexGUI software. The GUI will load and be displayed.
5.
Un-check the “Power Down CS3308” check box to allow audio to pass through the device.
2.1
CS3308 Controls Tab
The CS3308 Controls tab provides a high-level intuitive interface to many of the configuration options of the
CS3308. Control over the state of the CS3308’s MUTE and RESET input pins is also provided.
The Master X Mask check boxes are used to map each channel to the master controls. These check-boxes
reflect the state of their associated Master X Mask bits; when checked, the channel is un-masked.
The sliders facilitate control over the Ch X Volume registers, providing gain and attenuation in ½ dB steps.
The +¼ dB Gain check boxes are used to add an additional ¼ dB of gain to the volume level displayed for
each channel.
See the CS3308 datasheet for complete internal register descriptions.
Figure 1. CS3308 Controls Tab



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com