Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDB3308 Datasheet(PDF) 1 Page - Cirrus Logic

Part # CDB3308
Description  Evaluation Board for CS3308
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB3308 Datasheet(HTML) 1 Page - Cirrus Logic

  CDB3308 Datasheet HTML 1Page - Cirrus Logic CDB3308 Datasheet HTML 2Page - Cirrus Logic CDB3308 Datasheet HTML 3Page - Cirrus Logic CDB3308 Datasheet HTML 4Page - Cirrus Logic CDB3308 Datasheet HTML 5Page - Cirrus Logic CDB3308 Datasheet HTML 6Page - Cirrus Logic CDB3308 Datasheet HTML 7Page - Cirrus Logic CDB3308 Datasheet HTML 8Page - Cirrus Logic CDB3308 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Copyright
© Cirrus Logic, Inc. 2006
(All Rights Reserved)
http://www.cirrus.com
Evaluation Board for CS3308
Features
Single-ended Analog Inputs
Single-ended Analog Outputs
Supports AC and DC-Coupled Analog I/O
Flexible Serial Control I/O Headers
–
Serial Control Input Header to
Accommodate On-board and External
Serial Controllers
–
Serial Control Output Headers for
“Chaining” Serial Control Across Multiple
CDB3308 Evaluation Boards
–
3.3 V Logic Interface Level
Demonstrates Recommended Layout and
Grounding Arrangements
Minimal Power Supply Requirements
–
±5 V and Ground
Windows® Compatible Software Interface
–
Easy and Intuitive Graphical Interface to
Channel and Master Volume Controls
–
Supports USB and RS-232 PC
Connectivity
Description
The CDB3308 evaluation board is an excellent means
for evaluating the CS3308 analog volume control. Eval-
uation requires an analog signal source and analyzer,
power supplies, and a Windows PC compatible
computer.
Standard RCA phono jacks are provided to easily inter-
face external analog signals with the evaluation board.
Each of the CS3308’s inputs and outputs may be inde-
pendently AC or DC-coupled to their respective I/O
connectors.
The Windows software provides a GUI to make config-
uration
of
the
CDB3308
easy.
The
software
communicates through the PC’s USB or Serial port to
configure the control port registers so that all features of
the CS3308 can be evaluated.
As an alternative to the serial control provided via a PC,
the evaluation board may be configured to accept exter-
nal control signals for operation in a user application
during system development.
To facilitate multi-CS3308 system design efforts, head-
ers are provided for connecting serial control signals
between multiple CDB3308 evaluation boards.
ORDERING INFORMATION
CDB3308
Evaluation Board
CS3308
8-Channel
Digitally Controlled
Analog Volume Control
8-Channel
Passive
Inputs
AC/DC
Coupling
AC/DC
Coupling
8-Channel
Passive
Outputs
USB/RS232
PC Interface
PC or External
Serial Control Input
External
Serial Control Output
CDB3308
MAY '06
DS702DB2


Similar Part No. - CDB3308

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CDB3318 CIRRUS-CDB3318 Datasheet
1Mb / 16P
Evaluation Board for CS3318
CDB3318 CIRRUS-CDB3318 Datasheet
682Kb / 44P
8-Channel Analog Volume Control
More results

Similar Description - CDB3308

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STR720-EVAL STMICROELECTRONICS-STR720-EVAL Datasheet
807Kb / 32P
Evaluation Board for STR72xF
04-Oct-2005
logo
Cirrus Logic
CDB3318 CIRRUS-CDB3318 Datasheet
1Mb / 16P
Evaluation Board for CS3318
CDB4265 CIRRUS-CDB4265 Datasheet
1Mb / 30P
Evaluation Board for CS4265
CDB4344 CIRRUS-CDB4344 Datasheet
594Kb / 14P
Evaluation Board for CS4344
CDB4352 CIRRUS-CDB4352 Datasheet
823Kb / 21P
Evaluation Board for CS4352
CDB4361 CIRRUS-CDB4361 Datasheet
1Mb / 26P
Evaluation Board for CS4361
CDB5345 CIRRUS-CDB5345 Datasheet
1Mb / 27P
Evaluation Board for CS5345
CDB5364 CIRRUS-CDB5364 Datasheet
1Mb / 24P
Evaluation Board for CS5364
logo
Analog Devices
AD8250-EVALZ AD-AD8250-EVALZ_15 Datasheet
204Kb / 4P
EVALUATION BOARD FOR G
REV. 0
AD8251-EVALZ AD-AD8251-EVALZ_15 Datasheet
197Kb / 4P
Evaluation Board for G
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com