Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDB3308 Datasheet(PDF) 4 Page - Cirrus Logic

Part # CDB3308
Description  Evaluation Board for CS3308
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB3308 Datasheet(HTML) 4 Page - Cirrus Logic

  CDB3308 Datasheet HTML 1Page - Cirrus Logic CDB3308 Datasheet HTML 2Page - Cirrus Logic CDB3308 Datasheet HTML 3Page - Cirrus Logic CDB3308 Datasheet HTML 4Page - Cirrus Logic CDB3308 Datasheet HTML 5Page - Cirrus Logic CDB3308 Datasheet HTML 6Page - Cirrus Logic CDB3308 Datasheet HTML 7Page - Cirrus Logic CDB3308 Datasheet HTML 8Page - Cirrus Logic CDB3308 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
DS702DB2
CDB3308
The 10-pin, 2 column header, J88, provides unidirectional output access to the CS3308’s SPI MOSI and
CCLK signals, as well as its AD0, ENOut, and MUTE signals. All of the signals re-driven versions of those
present directly on their respective I/O pins on the CS3308. This header may be used to connect the serial
control signals between 2 or more CDB3308’s (out of J88 on one and in to J17 on another) for multiple
CS3308 SPI serial control evaluation.
1.5
Analog Inputs
RCA connectors supply the CS3308 analog inputs through single-ended passive circuits with no input filter-
ing. Refer to the CS3308 data sheet for the maximum input signal level.
Each analog input may be AC or DC coupled to its respective RCA connector. This selection is made via
the 2-pin headers labeled “DC Couple Input” and placed adjacent to each input connector on the board. To
DC couple an input connector, place a shunt across the respective header. To AC couple an input connec-
tor, remove the shunt from the respective header. By default, the input connectors are AC coupled to the
CS3308’s inputs.
1.6
Analog Outputs
The CS3308 analog outputs are routed through single-ended passive circuits with no output filtering and
connected to RCA jacks for easy evaluation.
Each analog output may be AC or DC coupled to its respective RCA connector. This selection is made via
the 2-pin headers labeled “DC Couple Output” and placed adjacent to each output connector on the board.
To DC couple an output connector, place a shunt across the respective header. To AC couple an output
connector, remove the shunt from the respective header. By default, the output connectors are AC coupled
to the CS3308’s outputs.
1.7
PC Interfaces
USB and RS-232 connections are provided to facilitate software control of the CS3308’s internal registers.
A graphical user interface is available for the CDB3308 to allow easy manipulation of the CS3308’s internal
registers. See the CS3308 datasheet for complete internal register descriptions.
To enable the CDB3308, simply connect the supplied USB cable from an available USB port on a PC to the
USB connector (J37), or alternatively connect a 9-pin serial cable from an available COM port on a PC to
the RS-232 connector (J42) and launch the Cirrus Logic FlexGUI software.
Refer to “PC Software Control” on page 5 for a description of the Graphical User Interface (GUI).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com