Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2901H Datasheet(PDF) 1 Page - STMicroelectronics

Part # LM2901H
Description  High Temperature Low Power Quad Voltage Comparators
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM2901H Datasheet(HTML) 1 Page - STMicroelectronics

  LM2901H Datasheet HTML 1Page - STMicroelectronics LM2901H Datasheet HTML 2Page - STMicroelectronics LM2901H Datasheet HTML 3Page - STMicroelectronics LM2901H Datasheet HTML 4Page - STMicroelectronics LM2901H Datasheet HTML 5Page - STMicroelectronics LM2901H Datasheet HTML 6Page - STMicroelectronics LM2901H Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Rev 3
November 2005
1/7
7
LM2901H
High Temperature Low Power Quad Voltage Comparators
■ Wide single supply voltage range or dual
supplies for all devices: +2V to +36V or ±1V to
±18V
■ Very low supply current (1.1mA) independent
of supply voltage (1.4mW/comparator at +5V)
■ Low input bias current: 25nA typ.
■ Low input offset current: ±5nA typ.
■ Input common-mode voltage range includes
ground
■ Low output saturation voltage:
250mV typ. (IO = 4mA)
■ Differential input voltage range equal to the
supply voltage
■ TTL, DTL, ECL, MOS, CMOS compatible
outputs
Description
This device consists of four independent precision
voltage comparators. All these comparators were
designed specifically to operate from a single
power supply over a wide range of voltages.
Operation from split power supplies is also
possible.
These
comparators
also
have
a
unique
characteristic in that the input common-mode
voltage range includes ground even though
operated from a single power supply voltage.
Order Codes
D
SO-14
(Plastic Micropackage)
Wafer form
4
5
6
7
8
9
10
11
13
1
2
3
14
12
Output 2
Output 4
Output 3
Non-inverting input 4
V
CC
Non-inverting input 3
Inverting input 4
V
CC
+
Output 1
Inverting input 1
Non-inverting input 2
-
Inverting input 3
Non-inverting input 1
Inverting input 2
Pin connections (top view)
Part Number
Temperature Range
Package
Packing
Marking
JLM2901H- I6D1
-40°C, +150°C
Wafer
LM2901HD
SO-14
Tube or Tape & Reel
2901H
LM2901HYD/HYDT
SO-14 (automotive grade level)
2901HY
www.st.com


Similar Part No. - LM2901H

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM2901H STMICROELECTRONICS-LM2901H Datasheet
344Kb / 9P
High temperature low power quad voltage comparators
08-Apr-2008
LM2901HD STMICROELECTRONICS-LM2901HD Datasheet
344Kb / 9P
High temperature low power quad voltage comparators
08-Apr-2008
LM2901HDT STMICROELECTRONICS-LM2901HDT Datasheet
344Kb / 9P
High temperature low power quad voltage comparators
08-Apr-2008
LM2901HYD STMICROELECTRONICS-LM2901HYD Datasheet
344Kb / 9P
High temperature low power quad voltage comparators
08-Apr-2008
LM2901HYDT STMICROELECTRONICS-LM2901HYDT Datasheet
344Kb / 9P
High temperature low power quad voltage comparators
08-Apr-2008
More results

Similar Description - LM2901H

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM2901 STMICROELECTRONICS-LM2901 Datasheet
540Kb / 12P
LOW POWER QUAD VOLTAGE COMPARATORS
Rev 2
logo
List of Unclassifed Man...
CM339 ETC-CM339 Datasheet
156Kb / 6P
LOW POWER QUAD VOLTAGE COMPARATORS
CM339 ETC-CM339 Datasheet
629Kb / 7P
LOW POWER QUAD VOLTAGE COMPARATORS
logo
Analog Devices
PM-139 AD-PM-139 Datasheet
197Kb / 6P
Quad Low-Power Voltage Comparators
logo
STMicroelectronics
LM2901H STMICROELECTRONICS-LM2901H_08 Datasheet
344Kb / 9P
High temperature low power quad voltage comparators
08-Apr-2008
LM339QT STMICROELECTRONICS-LM339QT Datasheet
549Kb / 19P
Low-power quad voltage comparators
13-Jul-2011
LM339DT STMICROELECTRONICS-LM339DT Datasheet
483Kb / 16P
Low-power quad voltage comparators
28-Apr-2009
RT2901H STMICROELECTRONICS-RT2901H Datasheet
749Kb / 11P
RobuST high-temperature low-power quad voltage comparators
08-Oct-2014
logo
New Japan Radio
NJM339C NJRC-NJM339C Datasheet
310Kb / 7P
Low power quad voltage comparators
ver.07
logo
STMicroelectronics
LM139 STMICROELECTRONICS-LM139_V01 Datasheet
776Kb / 19P
Low-power quad voltage comparators
18-Aug-2014
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com