Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2901H Datasheet(PDF) 4 Page - STMicroelectronics

Part # LM2901H
Description  High Temperature Low Power Quad Voltage Comparators
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM2901H Datasheet(HTML) 4 Page - STMicroelectronics

  LM2901H Datasheet HTML 1Page - STMicroelectronics LM2901H Datasheet HTML 2Page - STMicroelectronics LM2901H Datasheet HTML 3Page - STMicroelectronics LM2901H Datasheet HTML 4Page - STMicroelectronics LM2901H Datasheet HTML 5Page - STMicroelectronics LM2901H Datasheet HTML 6Page - STMicroelectronics LM2901H Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Electrical Characteristics
LM2901H
4/7
3
Electrical Characteristics
Table 2.
VCC
+ =5V, V
CC
- = GND, T
amb = 25°C (unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VI O
Input Offset Voltage (1)
1.
At output switch point, VO
≈ 1.4V, RS = 0 with V
CC
+ from 5V to 30V, and over the full input common-mode
range (0V to VCC
+ –1.5V).
Tamb = +25°C
Tmin ≤ Tamb ≤ Tmax.
17
15
mV
IIO
Input Offset Current
Tamb = +25°C
Tmin ≤ Tamb ≤ Tmax.
550
150
nA
IIB
Input Bias Current (II
+ or I
I
-)(2)
2.
The direction of the input current is out of the IC due to the PNP input stage. This current is essentially
constant, independent of the state of the output, so no loading charge exists on the reference of input lines
Tamb =+ 25°C
Tmin ≤ Tamb ≤ Tmax.
25
250
400
nA
AVD
Large Signal Voltage Gain
VCC = 15V, R = 15kΩ,
Vo = 1 to 11V
25
200
V/mV
ICC
Supply Current
(all comparators)
VCC = +5V, no load
VCC = +30V, no load
1.1
1.3
2
2.5
mA
VICM
Input Common Mode Voltage
Range (Vcc= 30V)
(3)
3.
The input common-mode voltage of either input signal voltage should not be allowed to go negative by more
than 0.3V. The upper end of the common-mode voltage range is VCC
+ –1.5V, but either or both inputs can go
to +30V without damage.
Tamb = +25°C
Tmin ≤ Tamb ≤ Tmax.
0
0
VCC
+-1.5
VCC
+- 2
V
VID
Differential Input Voltage(4)
4.
The response time specified is for a 100mV input step with 5mV overdrive.
VCC
+
V
VOL
Low Level Output Voltage
Vid =-1V, Isink =4mA
Tamb = +25°C
Tmin ≤ Tamb ≤ Tmax
250
400
700
mV
IOH
High Level Output Current
VCC =Vo =30V, Vid =1V
Tamb = +25°C
Tmin ≤ Tamb ≤ Tmax
0.1
1
nA
µA
ISINK
Output Sink Current
Vid = -1V, Vo = 1.5V
Tamb = +25°C
Tmin ≤ Tamb ≤ Tmax
6
2
16
mA
tRE
Small Signal Response
Time(5)
5.
Positive excursions of input voltage may exceed the power supply level. As long as the other voltage remains
within the common-mode range, the comparator will provide a proper output state. The low input voltage state
must not be less than –0.3V (or 0.3V bellow the negative power supply, if used)
RL = 5.1kΩ connected
to VCC
+
1.3
µs
tREL
Large Signal Response
Time(6)
6.
Maximum values are guaranteed by design.
TTL input, Vref = +1.4V,
RL =5.1kΩ to VCC
+
– Output Signal at 50% of
final value
– Output Signal at 95% of
final value
500
1
ns
µs



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com