Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2901H Datasheet(PDF) 3 Page - STMicroelectronics

Part # LM2901H
Description  High Temperature Low Power Quad Voltage Comparators
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM2901H Datasheet(HTML) 3 Page - STMicroelectronics

  LM2901H Datasheet HTML 1Page - STMicroelectronics LM2901H Datasheet HTML 2Page - STMicroelectronics LM2901H Datasheet HTML 3Page - STMicroelectronics LM2901H Datasheet HTML 4Page - STMicroelectronics LM2901H Datasheet HTML 5Page - STMicroelectronics LM2901H Datasheet HTML 6Page - STMicroelectronics LM2901H Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
LM2901H
Typical Application Schematics
3/7
2
Typical Application Schematics
Figure 1.
Schematic diagram (1/4 LM2901)
Figure 2.
Pad locations
VCC-
VCC-
VCC+
VCC-
3.5µA
100µA
3.5µA
100µA
Vo
Non-Inv er ting
Inverting
Input
Input
OU T 1
OU T 2
OU T 3
OU T 4
V cc +
E- (1)
E+ (1 )
E- (2)
V cc -
E+ (4)
E+ (4)
E+ (3)
E+ (2 )
E- (3 )
PD 9 8
Y ear
033 9
x
y
80
80
480
150
OUT 3
80
80
480
430
OUT 4
80
80
300
530
VCC -
80
80
150
530
E+ (4 )
80
80
-150
530
E- (4 )
80
80
480
530
E+ (3 )
80
80
-480
210
E- (3 )
80
80
-480
- 210
E+ (2 )
80
80
-480
- 530
E- (2 )
80
80
-150
- 530
E+ (1 )
80
80
150
- 530
E- (1 )
80
80
320
- 530
VC C+
80
80
480
- 340
OUT 1
80
80
480
-4 0
OUT 2
Y
X
Y
X
Pa d d i m e ns io n
P a d p lacem ent
Na m e
80
80
480
150
OUT 3
80
80
480
430
OUT 4
80
80
300
530
VCC -
80
80
150
530
E+ (4 )
80
80
-150
530
E- (4 )
80
80
480
530
E+ (3 )
80
80
-480
210
E- (3 )
80
80
-480
- 210
E+ (2 )
80
80
-480
- 530
E- (2 )
80
80
-150
- 530
E+ (1 )
80
80
150
- 530
E- (1 )
80
80
320
- 530
VC C+
80
80
480
- 340
OUT 1
80
80
480
-4 0
OUT 2
Y
X
Y
X
Pa d d i m e ns io n
P a d p lacem ent
Na m e
The coordinate "Origin" is at the center of the die
All dimensions are specified in micrometer (um)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com