Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JCL Datasheet(PDF) 1 Page - Leach International Corporation

Part # JCL
Description  RELAY LATCH 1 PDT, 25 AMP
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEACH [Leach International Corporation]
Direct Link  https://leachcorp.com/
Logo LEACH - Leach International Corporation

JCL Datasheet(HTML) 1 Page - Leach International Corporation

  JCL Datasheet HTML 1Page - Leach International Corporation JCL Datasheet HTML 2Page - Leach International Corporation JCL Datasheet HTML 3Page - Leach International Corporation JCL Datasheet HTML 4Page - Leach International Corporation JCL Datasheet HTML 5Page - Leach International Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SERIES JCL
RELAY LATCH
1 PDT, 25 AMP
(714) 736-7598
• leachcorp.com • LINA.CustomerService@LeachCorp.com
The technical information provided by Leach International Corporation is to be used as a guide only, and is not meant for publication or as documentation for altering any
existing specification. Dimensions are in inches unless otherwise specified. Rev. 5/2019
1 / 5
• Polarized, latching hermetically sealed relay
• Contact arrangement
1 PDT
• Coil supply
Direct current
• Qualified or in accordance with
MIL-PRF-6106/20
• Available in SPACE and Hi-REL quality
PRINCIPLE TECHNICAL CHARACTERISTICS
• Contacts rated at
25Amps / 28 Vdc and 115/200 Vac, 400Hz 3Ø
• Weight
0.10 lbs. max
• Dimensions
1.02 x 1.01 x 0.5 in max
• Balanced-force design, all welded construction
• Hermetically sealed, corrosion protected metal can
• No make before break
• Special models available upon request
Applicable sockets:
SO-1063-9036
Application Notes:
001
102
103E
007
CONTACT ELECTRICAL CHARACTERISTICS
Minimum operating cycles
Type of load
28 Vdc
115 Vac /400 Hz 1Ø
115 Vac /60 Hz 3Ø
50,000 cycles
Resistive load
25A
25A
2.5A
10,000 cycles
Inductive load
12A
15A
2.5A
50,000 cycles
Motor load
10A
10A
2A
50,000 cycles
Lamp load
5A
5A
1A
50 cycles
Resistive overload
50A
80A
-
50 cycles
Rupture resistive
60A
100A
-


Similar Part No. - JCL

ManufacturerPart #DatasheetDescription
logo
jb Capacitors Company
JCL JBCAPACITORS-JCL Datasheet
295Kb / 3P
Load life of 3000~5000 hours
logo
Copal Electronics
JCL10 COPAL-JCL10 Datasheet
91Kb / 3P
CONDUCTIVE PLASTIC RECTILINEAR TYPE
JCL100B COPAL-JCL100B Datasheet
91Kb / 3P
CONDUCTIVE PLASTIC RECTILINEAR TYPE
JCL20 COPAL-JCL20 Datasheet
91Kb / 3P
CONDUCTIVE PLASTIC RECTILINEAR TYPE
JCL200B COPAL-JCL200B Datasheet
91Kb / 3P
CONDUCTIVE PLASTIC RECTILINEAR TYPE
More results

Similar Description - JCL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GP250 ETC1-GP250 Datasheet
517Kb / 9P
RELAY - LATCH 2 PDT, 2 AMP
KC-D1A-300L ETC2-KC-D1A-300L Datasheet
759Kb / 13P
RELAY - NONLATCH 3 PDT, 25 AMP
JL-D4N-300L ETC2-JL-D4N-300L Datasheet
630Kb / 14P
RELAY - LATCH 2 PDT, 12 AMP
KC-J2A ETC2-KC-J2A Datasheet
759Kb / 13P
RELAY - NONLATCH 3 PDT, 25 AMP
F600-D4N ETC2-F600-D4N Datasheet
796Kb / 15P
RELAY - NONLATCH 6 PDT, 10 AMP
logo
Leach International Cor...
JL-A1A LEACH-JL-A1A Datasheet
665Kb / 5P
RELAY – LATCH 2 PDT, 12 AMP
KCL LEACH-KCL Datasheet
988Kb / 5P
RELAY – LATCHING 3 PDT, 25 AMP
KDL LEACH-KDL Datasheet
672Kb / 5P
RELAY – LATCH 3PST/NO AUX, 25 AMP
KL-A1F LEACH-KL-A1F Datasheet
494Kb / 5P
RELAY – LATCH 4 PDT, 12 AMP
ZLD LEACH-ZLD Datasheet
1Mb / 11P
CONTACTOR, MAGNETIC LATCH 3 PDT, 120 AMP
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com