Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JCL Datasheet(PDF) 5 Page - Leach International Corporation

Part # JCL
Description  RELAY LATCH 1 PDT, 25 AMP
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEACH [Leach International Corporation]
Direct Link  https://leachcorp.com/
Logo LEACH - Leach International Corporation

JCL Datasheet(HTML) 5 Page - Leach International Corporation

  JCL Datasheet HTML 1Page - Leach International Corporation JCL Datasheet HTML 2Page - Leach International Corporation JCL Datasheet HTML 3Page - Leach International Corporation JCL Datasheet HTML 4Page - Leach International Corporation JCL Datasheet HTML 5Page - Leach International Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SERIES JCL
RELAY LATCH
1 PDT, 25 AMP
5 / 5
DIAGRAMS
STANDARD TOLERANCE: = ±.010
[1] COIL POLARITY NOT APPLICABLE TO AC VERSIONS.
NUMBERING SYSTEM
NOTES
1.
Isolation spacer pads for PCB mounting available on request.
2.
For other mounting styles or terminal types, please contact the factory
3.
Qualification and quality levels : Contact the factory
4.
Coil time constant L/R : 11ms
5.
For full rated load, max temp and altitude use no. 12 wire or larger, solder hook relays to be mounted to limit mounting bracket
temperature to 135° C.
6.
"N" R & V coils have back EMF suppression to - 5 volts maximum.
For any inquiries, please contact your local sales representative: leachcorp.com
JCL
-
A
2
A
-
XXX
Basic series designation
1.
Mounting styles (A, D, J)
2.
Terminal types (1, 2, 4,)
3.
Coil voltage, see coil characteristics (A, B, C, M, N, R, or V)
4.
XXX Designators



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com