Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JCL Datasheet(PDF) 2 Page - Leach International Corporation

Part # JCL
Description  RELAY LATCH 1 PDT, 25 AMP
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEACH [Leach International Corporation]
Direct Link  https://leachcorp.com/
Logo LEACH - Leach International Corporation

JCL Datasheet(HTML) 2 Page - Leach International Corporation

  JCL Datasheet HTML 1Page - Leach International Corporation JCL Datasheet HTML 2Page - Leach International Corporation JCL Datasheet HTML 3Page - Leach International Corporation JCL Datasheet HTML 4Page - Leach International Corporation JCL Datasheet HTML 5Page - Leach International Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SERIES JCL
RELAY LATCH
1 PDT, 25 AMP
2 / 5
COIL CH AR ACTERISTICS ( Vac )
GENER AL CH AR ACTERISTICS
Unless otherwise noted, the specified temperature range applies to all relay characteristics.
CODE
A
B
C
M
N
R
V
Nominal operating voltage
28
12
6
48
28
12
6
Maximum operating voltage at +125°C
29
14.5
7.3
50
29
14.5
7.3
Maximum pickup voltage (Cold coil)
- Cold coil at +125° C
18
9
4.5
36
18
9
4.5
- During high temp test at +125° C
19.8
9.9
5
38
19.8
9.9
5
- During continuous current test at +125° C
22.5
11.25
5.7
42
22.5
11.25
5.7
Coil resistance in Ω ± 10% at +25°C
600
150
38
1600
600
150
38
Temperature range
-70°C to +85°C
Dielectric strength at sea level all points
- All circuits to ground and circuit to circuit
1250 Vrms / 50 Hz
- Coil to ground
1000 Vrms / 50 Hz
Dielectric strength at altitude 25.000 m (all points)
500 Vrms / 50Hz
(500 Vrms gasket compressed)
Insulation resistance
- Initial (500 Vdc)
100 M Ω min
- After environmental tests (500 Vdc)
50 M Ω min
Sinusoidal vibration (A, D, J and W mounting)
0.12 mm d.a. / 10 - 70 Hz
30 G / 70 - 3000 Hz
Random vibration according to MIL-STD 202 methode 214
- A, D, J and W mounting
0.4G²/Hz, 50 to 2000 Hz
Mechanical shock (A, D and J mounting )
200 G / 6 ms
Mechanical shock (W mounting)
100 G / 6 ms
Maximum contact opening time under vibration and shock
10 µ sec
Operate time at nominal voltage
10 ms max
Contact make bounce at nominal voltage
1 ms max



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com