Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KXDL Datasheet(PDF) 1 Page - Leach International Corporation

Part # KXDL
Description  RELAY MAGNETIC LATCH 1 PST/NO (DM) / 75 AMP
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEACH [Leach International Corporation]
Direct Link  https://leachcorp.com/
Logo LEACH - Leach International Corporation

KXDL Datasheet(HTML) 1 Page - Leach International Corporation

  KXDL Datasheet HTML 1Page - Leach International Corporation KXDL Datasheet HTML 2Page - Leach International Corporation KXDL Datasheet HTML 3Page - Leach International Corporation KXDL Datasheet HTML 4Page - Leach International Corporation KXDL Datasheet HTML 5Page - Leach International Corporation KXDL Datasheet HTML 6Page - Leach International Corporation KXDL Datasheet HTML 7Page - Leach International Corporation KXDL Datasheet HTML 8Page - Leach International Corporation KXDL Datasheet HTML 9Page - Leach International Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
KXDL
RELAY MAGNETIC LATCH
1 PST/NO (DM) / 75 AMP
(714) 736-
7598 • leachcorp.com • LINA.CustomerService@LeachCorp.com
The technical information provided by Leach International Corporation is to be used as a guide only, and is not meant for publication or as documentation for altering any
existing specification. Dimensions are in inches unless otherwise specified. Rev. 9/2019
1 / 9
• Polarized, magnetic latching hermetically sealed relay
• Contact arrangement
1 PST/NO (DM) / 75 AMP + 1 PDT AUX
• Coil supply
Direct current
• Available in SPACE and Hi-REL quality
PRINCIPAL TECHNICAL CHARACTERISTICS
Contacts rated at
75Amps / 28 Vdc
Weight
4.0 Oz
Dimensions of case
1.120 x 1.025 x 1.025 MAX
Finish case: Black, aero glaze Z306, electroless nickel plated [2]
CONTACT ELECTRICAL CHARACTERISTICS / CONTACT RATING
Minimum operating cycles
Contact rating per load type,
auxiliary contact
Main contacts
@ 28Vdc
Auxiliary contacts
@ 28Vdc and
115 Vac, 400 Hz
20,000
Resistive
75A
2A
10,000
Inductive
(L/R=5ms)
20A
1A
10,000
Lamp
10A
0.5A
10,000
Motor
20A
-


Similar Part No. - KXDL

ManufacturerPart #DatasheetDescription
logo
Leach International Cor...
KXD LEACH-KXD Datasheet
554Kb / 5P
RELAY NONLATCH 1 PST/NO (DM) AUX / 75 AMP
KXD5A LEACH-KXD5A Datasheet
783Kb / 6P
RELAY NONLATCH 1 PST/NO (DM) / 75 AMP
KXD5B LEACH-KXD5B Datasheet
783Kb / 6P
RELAY NONLATCH 1 PST/NO (DM) / 75 AMP
KXD5C LEACH-KXD5C Datasheet
783Kb / 6P
RELAY NONLATCH 1 PST/NO (DM) / 75 AMP
KXD5M LEACH-KXD5M Datasheet
783Kb / 6P
RELAY NONLATCH 1 PST/NO (DM) / 75 AMP
More results

Similar Description - KXDL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KD-D4N-103 ETC2-KD-D4N-103 Datasheet
773Kb / 13P
RELAY - NONLATCH 3 PST/NO AUX, 25 AMP
KD-J2A-002 ETC2-KD-J2A-002 Datasheet
773Kb / 13P
RELAY - NONLATCH 3 PST/NO AUX, 25 AMP
KDA-E4E ETC2-KDA-E4E Datasheet
656Kb / 11P
RELAY - NONLATCH 3 PST/NO AUX, 25 AMP
logo
Leach International Cor...
JCL LEACH-JCL Datasheet
686Kb / 5P
RELAY LATCH 1 PDT, 25 AMP
KDL LEACH-KDL Datasheet
672Kb / 5P
RELAY – LATCH 3PST/NO AUX, 25 AMP
KM-D5A LEACH-KM-D5A Datasheet
360Kb / 5P
RELAY – NONLATCH 1 PST-DM, 50 AMP
KXD LEACH-KXD Datasheet
554Kb / 5P
RELAY NONLATCH 1 PST/NO (DM) AUX / 75 AMP
KXL LEACH-KXL Datasheet
431Kb / 5P
RELAY MAGNETIC LATCH, 1 PST/NO (DM) / 75 AMP
KXX5A LEACH-KXX5A Datasheet
783Kb / 6P
RELAY NONLATCH 1 PST/NO (DM) / 75 AMP
9213 LEACH-9213 Datasheet
362Kb / 5P
POWER CONTACTOR 3 PST-DM, 50/100 AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com