Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KXDL Datasheet(PDF) 2 Page - Leach International Corporation

Part # KXDL
Description  RELAY MAGNETIC LATCH 1 PST/NO (DM) / 75 AMP
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEACH [Leach International Corporation]
Direct Link  https://leachcorp.com/
Logo LEACH - Leach International Corporation

KXDL Datasheet(HTML) 2 Page - Leach International Corporation

  KXDL Datasheet HTML 1Page - Leach International Corporation KXDL Datasheet HTML 2Page - Leach International Corporation KXDL Datasheet HTML 3Page - Leach International Corporation KXDL Datasheet HTML 4Page - Leach International Corporation KXDL Datasheet HTML 5Page - Leach International Corporation KXDL Datasheet HTML 6Page - Leach International Corporation KXDL Datasheet HTML 7Page - Leach International Corporation KXDL Datasheet HTML 8Page - Leach International Corporation KXDL Datasheet HTML 9Page - Leach International Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
KXDL
RELAY MAGNETIC LATCH
1 PST/NO (DM) / 75 AMP
2 / 9
COIL CHARACTERISTICS (Vdc)
CODE
A
B
C
M
N
R
V
Nominal operating voltage
28
12
6
48
28
12
6
Maximum operating voltage at +125°C
29
14.5
7.3
50
29
14.5
7.3
Maximum pickup voltage (Cold coil)
- Cold coil at +125° C
18
9
4.5
36
18
9
4.5
- During high temp test at +125° C
19.8
9.9
5
38
19.8
9.9
5
- During continuous current test at +125° C
22.5
11.25
5.7
42
22.5
11.25
5.7
Coil resistance
Ω ±10% +25° C except types "C" and "V"+20%, -10%
450
112
28
1500
450
112
28
GENERAL CHARACTERISTICS
Temperature range
-55°C to +120°C [2]
Dielectric
Sea level
550 Vrms
After life (Sea level)
550 Vrms
Insulation resistance at 25°C, initial
1000 M
Ω min
Insulation resistance at 25°C, after environmental tests
100 M
Ω min
Sinusoidal vibration [1]
0.12" D.A., 10 Hz to 57 Hz
20 G
’s, 57 to 2000 Hz
Random vibration according to MIL-STD 202 method 214 [1]
1E (0.2G2/Hz, 50 to 2000 Hz)
Shock [1]
50G / 11 ms
Acceleration
15 G’s
Maximum contact opening time under vibration and shock
10 µ sec
Latch time at nominal voltage
20 ms max
Reset time at nominal voltage
20 ms max
Contact make bounce at nominal voltage
1ms max
Contact release break bounce
0.5 ms max
- auxiliary contacts@25°C
4 ms max



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com