Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KXDL Datasheet(PDF) 3 Page - Leach International Corporation

Part # KXDL
Description  RELAY MAGNETIC LATCH 1 PST/NO (DM) / 75 AMP
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEACH [Leach International Corporation]
Direct Link  https://leachcorp.com/
Logo LEACH - Leach International Corporation

KXDL Datasheet(HTML) 3 Page - Leach International Corporation

  KXDL Datasheet HTML 1Page - Leach International Corporation KXDL Datasheet HTML 2Page - Leach International Corporation KXDL Datasheet HTML 3Page - Leach International Corporation KXDL Datasheet HTML 4Page - Leach International Corporation KXDL Datasheet HTML 5Page - Leach International Corporation KXDL Datasheet HTML 6Page - Leach International Corporation KXDL Datasheet HTML 7Page - Leach International Corporation KXDL Datasheet HTML 8Page - Leach International Corporation KXDL Datasheet HTML 9Page - Leach International Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
KXDL
RELAY MAGNETIC LATCH
1 PST/NO (DM) / 75 AMP
3 / 9
MOUNTING STYLES
Dimensions in inch
Tolerances, unless otherwise specified
XXX ± 0.010 in
XX ± 0.03 in



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com