Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZLD Datasheet(PDF) 1 Page - Leach International Corporation

Part # ZLD
Description  CONTACTOR, MAGNETIC LATCH 3 PDT, 120 AMP
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEACH [Leach International Corporation]
Direct Link  https://leachcorp.com/
Logo LEACH - Leach International Corporation

ZLD Datasheet(HTML) 1 Page - Leach International Corporation

  ZLD Datasheet HTML 1Page - Leach International Corporation ZLD Datasheet HTML 2Page - Leach International Corporation ZLD Datasheet HTML 3Page - Leach International Corporation ZLD Datasheet HTML 4Page - Leach International Corporation ZLD Datasheet HTML 5Page - Leach International Corporation ZLD Datasheet HTML 6Page - Leach International Corporation ZLD Datasheet HTML 7Page - Leach International Corporation ZLD Datasheet HTML 8Page - Leach International Corporation ZLD Datasheet HTML 9Page - Leach International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
SERIES ZL, ZLD
CONTACTOR, MAGNETIC LATCH
3 PDT, 120 AMP
(714) 736-7598 • leachcorp.com • LINA.CustomerService@LeachCorp.com
The technical information provided by Leach International Corporation is to be used as a guide only, and is not meant for publication or as documentation for altering any
existing specification. Dimensions are in inches unless otherwise specified. Rev. 8/2019.
1 /
Balanced-Force Design
Hermetically sealed
Contact arrangement
3 PDT
Designed to the performance standards of
MIL-PRF-6106
PRINCIPLE TECHNICAL CHARACTERISTICS
Contacts rated at
28 Vdc and
115 Vac, 400 Hz, 1 Ø and
115/200 Vac, 400Hz, 3 Ø
Weight
See Mounting
Special units available upon request, including models with auxiliary contacts.
Application Notes:
101
102
104
007
CONTACT ELECTRICAL CHARACTERISTICS
Contact rating per pole
and load type
Load current in Amps
28 Vdc
115 Vac
400 Hz
115/200 Vac,
400 Hz, 3Ø
28 Vdc [4]
28 Vdc [9]
DELTA
115/200 Vac
60 Hz
Resistive
50
120
120
120
200
60
Inductive [1]
30
120
120
80
-
60
Motor
30
80
80
60
-
60
Load transfer, resistive [6]
-
-
120
-
-
-


Similar Part No. - ZLD

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
ZLDA01A1AR HONEYWELL-ZLDA01A1AR Datasheet
505Kb / 6P
Global Limit Switches
ZLDA03A1AR HONEYWELL-ZLDA03A1AR Datasheet
505Kb / 6P
Global Limit Switches
ZLDA04A1AR HONEYWELL-ZLDA04A1AR Datasheet
505Kb / 6P
Global Limit Switches
ZLDA06A1AR HONEYWELL-ZLDA06A1AR Datasheet
505Kb / 6P
Global Limit Switches
ZLDA07A1AR HONEYWELL-ZLDA07A1AR Datasheet
505Kb / 6P
Global Limit Switches
More results

Similar Description - ZLD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GP250 ETC1-GP250 Datasheet
517Kb / 9P
RELAY - LATCH 2 PDT, 2 AMP
KC-D1A-300L ETC2-KC-D1A-300L Datasheet
759Kb / 13P
RELAY - NONLATCH 3 PDT, 25 AMP
JL-D4N-300L ETC2-JL-D4N-300L Datasheet
630Kb / 14P
RELAY - LATCH 2 PDT, 12 AMP
KC-J2A ETC2-KC-J2A Datasheet
759Kb / 13P
RELAY - NONLATCH 3 PDT, 25 AMP
logo
Leach International Cor...
JCL LEACH-JCL Datasheet
686Kb / 5P
RELAY LATCH 1 PDT, 25 AMP
JL-A1A LEACH-JL-A1A Datasheet
665Kb / 5P
RELAY – LATCH 2 PDT, 12 AMP
KCL LEACH-KCL Datasheet
988Kb / 5P
RELAY – LATCHING 3 PDT, 25 AMP
KL-A1F LEACH-KL-A1F Datasheet
494Kb / 5P
RELAY – LATCH 4 PDT, 12 AMP
9124 LEACH-9124 Datasheet
613Kb / 6P
CONTACTOR 3 PST, 50 AMP
Z-X0X LEACH-Z-X0X Datasheet
1Mb / 10P
POWER CONTACTOR 120 AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com