Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZLD Datasheet(PDF) 2 Page - Leach International Corporation

Part # ZLD
Description  CONTACTOR, MAGNETIC LATCH 3 PDT, 120 AMP
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEACH [Leach International Corporation]
Direct Link  https://leachcorp.com/
Logo LEACH - Leach International Corporation

ZLD Datasheet(HTML) 2 Page - Leach International Corporation

  ZLD Datasheet HTML 1Page - Leach International Corporation ZLD Datasheet HTML 2Page - Leach International Corporation ZLD Datasheet HTML 3Page - Leach International Corporation ZLD Datasheet HTML 4Page - Leach International Corporation ZLD Datasheet HTML 5Page - Leach International Corporation ZLD Datasheet HTML 6Page - Leach International Corporation ZLD Datasheet HTML 7Page - Leach International Corporation ZLD Datasheet HTML 8Page - Leach International Corporation ZLD Datasheet HTML 9Page - Leach International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
SERIES ZL, ZLD
CONTACTOR, MAGNETIC LATCH
3 PDT, 120 AMP
2 /
COIL CHARACTERISTICS (Vdc)
GENERAL CHARACTERISTICS
CODE
A
B
C
F
Vac 400 Hz
N [5]
Y [7]
YN [5]
Nominal operating voltage
28
12
6
115
28
28
28
Maximum operating voltage
29
14.5
7.3
124
29
29
29
Set & reset voltage, maximum
- Nominal
18
9
4.5
90
18
18
18
- High temp test
20
10
5
95
20
20
20
- Continous current test
22.5
11
5.6
100
22.5
22.5
22.5
Drop-out voltage, maximum
N/A
N/A
N/A
90
N/A
N/A
N/A
Coil resistance in Ohms ± 20% at +25 °C
163
40
10
-
163
-
-
Coil current Amp max. @ Nom. Volt. and +25 °C
-
-
-
0.085
-
-
-
Temperature range
-55°C to +71°C
Minimum operating cycles (life) at rated load
50,000
Minimum operating cycles (life) at 25% rated load
100,000
Dielectric strength at sea level
- All circuits to ground and circuit to circuit
1,500 Vrms
- Coil to ground and Aux.contacts
1,250 Vrms
Dielectric strength at altitude: 70,000 feet
500 Vrms
Insulation resistance
- Initial (500 Vdc)
100 M Ω min
- After environmental tests (500 Vdc)
50 M Ω min
Sinusoidal vibration (55 to 500 Hz)
10 G
Shock (10-12 ms duration)
15 G
Maximum contact opening time under vibration and shock
10 μs
Operate time at nominal voltage (Including bounce)
60 ms max
25 ms max (Economizer coil)
Contact bounce at nominal Voltage
4 ms max
Overload
800 Amps
Rupture
1,000 Amps
Altitude
50,000 Feet



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com