Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZLD Datasheet(PDF) 11 Page - Leach International Corporation

Part # ZLD
Description  CONTACTOR, MAGNETIC LATCH 3 PDT, 120 AMP
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEACH [Leach International Corporation]
Direct Link  https://leachcorp.com/
Logo LEACH - Leach International Corporation

ZLD Datasheet(HTML) 11 Page - Leach International Corporation

Back Button ZLD Datasheet HTML 3Page - Leach International Corporation ZLD Datasheet HTML 4Page - Leach International Corporation ZLD Datasheet HTML 5Page - Leach International Corporation ZLD Datasheet HTML 6Page - Leach International Corporation ZLD Datasheet HTML 7Page - Leach International Corporation ZLD Datasheet HTML 8Page - Leach International Corporation ZLD Datasheet HTML 9Page - Leach International Corporation ZLD Datasheet HTML 10Page - Leach International Corporation ZLD Datasheet HTML 11Page - Leach International Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
SERIES ZL, ZLD
CONTACTOR, MAGNETIC LATCH
3 PDT, 120 AMP
11 /
NUMBERING SYSTEM
NOTES
1.
Inductive load life, 20,000 cycles.
2.
Terminal strength per para. 3,4,8,2,1 of MIL-R-6106.
3.
Alternate contact configurations and other special models available upon request; Please contact factory.
4.
Ratings are for double break/make terminal type 6.
5.
Back EMF suppression to 62 Volts max. Consult factory.
6.
Suitable for transfer between unsynchronized AC power sources at rating shown.
7.
Economizer coils have a lower resistance primary coil for faster operate time. Once relay operates, the coil switches to a higher
resistance for lower power drain. Do not ramp up voltage on these coils.
8.
Non hermetic gasket sealed version.
9.
Available - 200 Amps resistive, 25,000 cycles only, terminal style 6.
For any inquiries, please contact your local sales representative: leachcorp.com
ZL
[8] ZLD
-
-
X
X
0
0
X
X
Relay family
1.
Mounting styles
2.
Terminal & Circuit
3.
Coil Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com