Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CGH40180PP Datasheet(PDF) 7 Page - WOLFSPEED, INC.

Part # CGH40180PP
Description  180 W, RF Power GaN HEMT
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

CGH40180PP Datasheet(HTML) 7 Page - WOLFSPEED, INC.

Back Button CGH40180PP Datasheet HTML 3Page - WOLFSPEED, INC. CGH40180PP Datasheet HTML 4Page - WOLFSPEED, INC. CGH40180PP Datasheet HTML 5Page - WOLFSPEED, INC. CGH40180PP Datasheet HTML 6Page - WOLFSPEED, INC. CGH40180PP Datasheet HTML 7Page - WOLFSPEED, INC. CGH40180PP Datasheet HTML 8Page - WOLFSPEED, INC. CGH40180PP Datasheet HTML 9Page - WOLFSPEED, INC. CGH40180PP Datasheet HTML 10Page - WOLFSPEED, INC. CGH40180PP Datasheet HTML 11Page - WOLFSPEED, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
CGH40180PP
7
Rev. 3.3, 2022-11-17
© 2022 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
Thermal Resistance as a Function of Pulse Width
Time (seconds)
0.6
0.7
0.8
0.9
1.0
Heating Curve for 2x28.8mm GaN HEMT in 440199 Package at 4W/mm
0.0
0.1
0.2
0.3
0.4
0.5
1.00E-08
1.00E-07
1.00E-06
1.00E-05
1.00E-04
1.00E-03
1.00E-02
1.00E-01
1.00E+00
Time (seconds)
Notes:
1 VDD = 28 V, IDQ = 2.0 A In the 440199 package
2 Optimized for power, gain, PSAT and PAE
3 When using this device at low frequency, series resistors should be used to
maintain amplifier stability
Simulated Source and Load Impedances
Frequency (MHz)
Z Source
Z Load
500
2.85 + j1.99
5.27 + j0.68
1000
0.8 + j0.42
4.91 + j0.36
1500
0.84 - j1.69
4.65 - j0.24
2000
0.88 - j3.05
2.8 - j1.05
2500
1.08 - j4.5
3.1 - j2.47
3000
1.25 - j6.06
3.1 - j4.01
D1
Z Source 1
Z Load 1
G1
S
G2
Z Source 2
Z Load 2
D2
Note:
1 This heating curve assumes zero power dissipation during the “off” portion of the duty cycle
1 This data is for transient power dissipation at 224 W, Duty Cycle = 20%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com