Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CGH40180PP Datasheet(PDF) 10 Page - WOLFSPEED, INC.

Part # CGH40180PP
Description  180 W, RF Power GaN HEMT
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

CGH40180PP Datasheet(HTML) 10 Page - WOLFSPEED, INC.

Back Button CGH40180PP Datasheet HTML 6Page - WOLFSPEED, INC. CGH40180PP Datasheet HTML 7Page - WOLFSPEED, INC. CGH40180PP Datasheet HTML 8Page - WOLFSPEED, INC. CGH40180PP Datasheet HTML 9Page - WOLFSPEED, INC. CGH40180PP Datasheet HTML 10Page - WOLFSPEED, INC. CGH40180PP Datasheet HTML 11Page - WOLFSPEED, INC. CGH40180PP Datasheet HTML 12Page - WOLFSPEED, INC. CGH40180PP Datasheet HTML 13Page - WOLFSPEED, INC. CGH40180PP Datasheet HTML 14Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
CGH40180PP
10
Rev. 3.3, 2022-11-17
© 2022 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
Typical Package S-Parameters for CGH40180PP, Single Side
(Small Signal, VDS = 28 V, IDQ = 1000 mA, angle in degrees)
To download the s-parameters in s2p format, go to the CGH40180PP Product page and click on the documentation tab.
Frequency
Mag S11
Ang S11
Mag S21
Ang S21
Mag S12
Ang S12
Mag S22
Ang S22
500 MHz
0.957
-177.48
4.22
79.26
0.007
10.74
0.798
-179.16
600 MHz
0.957
-178.74
3.51
76.30
0.007
12.14
0.800
-179.41
700 MHz
0.957
-179.78
3.00
73.47
0.007
13.71
0.802
-179.63
800 MHz
0.957
179.32
2.62
70.74
0.007
15.38
0.804
-179.84
900 MHz
0.957
178.51
2.33
68.08
0.007
17.15
0.807
179.96
1.0 GHz
0.957
177.76
2.09
65.49
0.007
18.99
0.809
179.74
1.1 GHz
0.957
177.06
1.90
62.95
0.007
20.87
0.812
179.52
1.2 GHz
0.957
176.38
1.73
60.46
0.007
22.80
0.814
179.28
1.3 GHz
0.957
175.72
1.60
58.02
0.008
24.73
0.817
179.03
1.4 GHz
0.956
175.08
1.48
55.63
0.008
26.66
0.820
178.76
1.5 GHz
0.956
174.44
1.38
53.29
0.008
28.57
0.823
178.46
1.6 GHz
0.956
173.81
1.29
50.98
0.008
30.44
0.825
178.15
1.7 GHz
0.956
173.18
1.22
48.72
0.008
32.25
0.828
177.82
1.8 GHz
0.955
172.55
1.15
46.50
0.009
33.98
0.831
177.47
1.9 GHz
0.955
171.91
1.09
44.32
0.009
35.62
0.833
177.10
2.0 GHz
0.955
171.27
1.04
42.17
0.009
37.17
0.835
176.71
2.1 GHz
0.954
170.62
0.99
40.06
0.010
38.61
0.838
176.30
2.2 GHz
0.954
169.96
0.95
37.98
0.010
39.93
0.840
175.87
2.3 GHz
0.953
169.29
0.91
35.93
0.011
41.14
0.842
175.42
2.4 GHz
0.952
168.60
0.87
33.91
0.011
42.22
0.844
174.95
2.5 GHz
0.952
167.90
0.84
31.92
0.012
43.18
0.845
174.47
2.6 GHz
0.951
167.18
0.82
29.95
0.013
44.01
0.847
173.96
2.7 GHz
0.950
166.45
0.79
28.00
0.013
44.73
0.848
173.44
2.8 GHz
0.949
165.69
0.77
26.07
0.014
45.32
0.849
172.89
2.9 GHz
0.948
164.91
0.75
24.15
0.015
45.79
0.850
172.33
3.0 GHz
0.946
164.10
0.73
22.24
0.016
46.15
0.850
171.74
3.2 GHz
0.943
162.39
0.71
18.45
0.018
46.53
0.851
170.51
3.4 GHz
0.939
160.55
0.69
14.64
0.020
46.47
0.850
169.19
3.6 GHz
0.935
158.53
0.67
10.80
0.023
45.97
0.848
167.76
3.8 GHz
0.929
156.31
0.67
6.86
0.027
45.03
0.845
166.21
4.0 GHz
0.922
153.83
0.67
2.78
0.031
43.63
0.841
164.53
4.2 GHz
0.913
151.03
0.68
-1.51
0.036
41.72
0.834
162.69
4.4 GHz
0.901
147.82
0.69
-6.12
0.042
39.23
0.825
160.65
4.6 GHz
0.886
144.10
0.72
-11.16
0.049
36.07
0.813
158.39
4.8 GHz
0.866
139.68
0.76
-16.81
0.059
32.05
0.797
155.86
5.0 GHz
0.838
134.36
0.81
-23.30
0.073
26.92
0.775
153.00
5.2 GHz
0.799
127.78
0.88
-30.99
0.091
20.30
0.747
149.76
5.4 GHz
0.742
119.49
0.97
-40.41
0.117
11.55
0.708
146.16
5.6 GHz
0.658
108.92
1.08
-52.33
0.157
-0.34
0.657
142.31
5.8 GHz
0.534
95.85
1.21
-67.76
0.219
-16.90
0.594
138.62
6.0 GHz
0.373
82.93
1.34
-87.69
0.321
-40.38
0.534
134.70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com