Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CGH40180PP Datasheet(PDF) 12 Page - WOLFSPEED, INC.

Part # CGH40180PP
Description  180 W, RF Power GaN HEMT
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

CGH40180PP Datasheet(HTML) 12 Page - WOLFSPEED, INC.

Back Button CGH40180PP Datasheet HTML 6Page - WOLFSPEED, INC. CGH40180PP Datasheet HTML 7Page - WOLFSPEED, INC. CGH40180PP Datasheet HTML 8Page - WOLFSPEED, INC. CGH40180PP Datasheet HTML 9Page - WOLFSPEED, INC. CGH40180PP Datasheet HTML 10Page - WOLFSPEED, INC. CGH40180PP Datasheet HTML 11Page - WOLFSPEED, INC. CGH40180PP Datasheet HTML 12Page - WOLFSPEED, INC. CGH40180PP Datasheet HTML 13Page - WOLFSPEED, INC. CGH40180PP Datasheet HTML 14Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
CGH40180PP
12
Rev. 3.3, 2022-11-17
© 2022 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
Part Number System
Table 1.
Table 2.
Parameter
Value
Units
Upper Frequency1
2.5
GHz
Power Output
180
W
Package
Push Pill
—
Character Code
Code Value
A
0
B
1
C
2
D
3
E
4
F
5
G
6
H
7
J
8
K
9
Examples:
1A = 10.0 GHz
2H = 27.0 GHz
Note:
1 Alpha characters used in frequency code indicate a value greater
than 9.9 GHz. See Table 2 for value.
Package
Power Output (W)
Upper Frequency (GHz)
Wolfspeed GaN High Voltage
CGH40180PP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com