Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDB5461 Datasheet(PDF) 5 Page - Cirrus Logic

Part # CDB5461
Description  Evaluation Board and Software
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB5461 Datasheet(HTML) 5 Page - Cirrus Logic

  CDB5461 Datasheet HTML 1Page - Cirrus Logic CDB5461 Datasheet HTML 2Page - Cirrus Logic CDB5461 Datasheet HTML 3Page - Cirrus Logic CDB5461 Datasheet HTML 4Page - Cirrus Logic CDB5461 Datasheet HTML 5Page - Cirrus Logic CDB5461 Datasheet HTML 6Page - Cirrus Logic CDB5461 Datasheet HTML 7Page - Cirrus Logic CDB5461 Datasheet HTML 8Page - Cirrus Logic CDB5461 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
CDB5461
5
1.2.2 Digital Section
The schematics for the digital section are
shown in Figure 10 on page 22. The digital
section contains the microcontroller, test
switches, a Maxim MAX3232 interface chip,
32K bytes of SRAM, and one serial EEPROM.
The test switches aid in debugging communi-
cation problems between the CDB5461 and
the PC. The microcontroller derives its clock
from a 20.0 MHz crystal. From this, The RS-
232 data conversion IC (10) is configured to
communicate via RS-232 at 9600 baud, no
parity, 8-bit data, and 1 stop bit.
1.2.3 Power Supply Section
Figure 11 on page 23 illustrates the power
supply connections to the evaluation board.
The VA+ post supplies the positive analog
section of the evaluation board, the LT1019,
and the ADC. The VA- post supplies the nega-
tive analog voltage circuitry. This terminal is
grounded when powering the CDB5461 from a
single +5 Volt analog supply. The VD+ post
supplies the digital section of the ADC and lev-
el shifter. The Vu+ post supplies the digital
section of the evaluation board, the 8051, the
reset circuitry, and the RS-232 interface cir-
cuitry. The board’s digital section, supplied via
Vu+ post, must be +5 Volts only. Table 2
shows the various power connections with the
required jumper settings on J12 and J11.
1.3 Using the Evaluation Board
The CS5461 contains a programmable gain
amplifier (PGA), two
∆Σ modulators, two high
rate filters, an on-chip reference, and power
calculation engine to compute Energy, VRMS,
IRMS, and Instantaneous Power. The PGA
sets the input levels of the current channel at
either 50 mVRMS or 250 mVRMS (for VREFIN =
2.5 V). The on-chip reference can provide the
necessary 2.5 V reference. This output (VRE-
FOUT) is used to supply the VREFIN pin with
2.5 V. The
∆Σ modulators and high rate digital
filter allow the user to measure instantaneous
voltage, current, and power at a output word
rate of 4000 Hz when a 4.096 MHz clock
source is used.
Table 3 on page 6 describes the various head-
ers, jumpers and DIP switches on the
CDB5461 evaluation board. DIP switch S1 is
used to control the 8051. Table 4 on page 7 il-
lustrates the various settings of the DIP switch
S1. The S1-3 switch should be set to the
Power Supplies
Power Post Connections
Jumpers
Analog
Digital
VA+
VA-
GND
VD+
Vu+
J12
J11
+5V
+5V
+5
NC
GND
+5
NC
+5V
+3V
+5
NC
GND
+3
+5
Table 2. Power Supply Connections
O
O VDDD
O
O VDDD
O
O D+
O
O D+
Vu+
VD+
VD+
VA+
O
O GND
O
O GND
VA-
A-
O
O VDDD
O
O VDDD
O
O D+
O
O D+
Vu+
VD+
VD+
VA+
O O GND
O O GND
VA-
A-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com