Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDB5461 Datasheet(PDF) 16 Page - Cirrus Logic

Part # CDB5461
Description  Evaluation Board and Software
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB5461 Datasheet(HTML) 16 Page - Cirrus Logic

Back Button CDB5461 Datasheet HTML 12Page - Cirrus Logic CDB5461 Datasheet HTML 13Page - Cirrus Logic CDB5461 Datasheet HTML 14Page - Cirrus Logic CDB5461 Datasheet HTML 15Page - Cirrus Logic CDB5461 Datasheet HTML 16Page - Cirrus Logic CDB5461 Datasheet HTML 17Page - Cirrus Logic CDB5461 Datasheet HTML 18Page - Cirrus Logic CDB5461 Datasheet HTML 19Page - Cirrus Logic CDB5461 Datasheet HTML 20Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
CDB5461
16
two channels, and 2048 samples when collect-
ing three channels.
2.9.2 Average
When doing FFT processing, this box will de-
termine the number of FFTs to average. FFTs
will be collected and averaged when the Col-
lect button is pressed.
2.9.3 FFT Window
This box allows the user to select the type of
windowing algorithm for FFT processing. Win-
dowing algorithms include the Blackman,
Blackman-Harris, Hanning, 5-term Hodie, and
7-term Hodie. The 5-term Hodie and 7-term
Hodie are windowing algorithms developed at
Crystal Semiconductor.
2.9.4 Histogram Bin Width
This box allows for a variable "bin width" when
plotting histograms of the collected data. Each
vertical bar in the histogram plot will contain
the number of output codes contained in this
box. Increasing this number may allow the
user to view histograms with larger input rang-
es.
2.9.5 Pages to Collect
This box determines the number of data "pag-
es" that the microcontroller will collect before
sending data to the PC. Each page consists of
the number of samples collected, and only the
last page will be returned to the PC for pro-
cessing. This function is useful at higher sam-
pling frequencies to minimize board-level
noise at the beginning of the conversion set.
Figure 6. Time Domain Analysis



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com