Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDB5461 Datasheet(PDF) 1 Page - Cirrus Logic

Part # CDB5461
Description  Evaluation Board and Software
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB5461 Datasheet(HTML) 1 Page - Cirrus Logic

  CDB5461 Datasheet HTML 1Page - Cirrus Logic CDB5461 Datasheet HTML 2Page - Cirrus Logic CDB5461 Datasheet HTML 3Page - Cirrus Logic CDB5461 Datasheet HTML 4Page - Cirrus Logic CDB5461 Datasheet HTML 5Page - Cirrus Logic CDB5461 Datasheet HTML 6Page - Cirrus Logic CDB5461 Datasheet HTML 7Page - Cirrus Logic CDB5461 Datasheet HTML 8Page - Cirrus Logic CDB5461 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
Copyright
© Cirrus Logic, Inc. 2004
(All Rights Reserved)
Cirrus Logic, Inc.
http://www.cirrus.com
VIN+
VIN-
IIN+
IIN
-
CRYSTAL
4.096 MHz
REF
AGND
VOLTAGE
REFERENCE
GND
LEDs
8051
Microcontroller
TEST
SWITCHES
CRYSTAL
20.0 MHz
RESET
CIRCUITRY
RS232
TRANSCEIVER
8051
ISP
VD+
Vu+
VA-
VA+
SERIAL
EEPROM
32k × 8
SRAM
CS5461
EDIR
INT
SCLK
SDO
SDI
CS
OUT
IN
EOUT
VREF
\
CDB5461
CDB5461 Evaluation Board and Software
Features
Direct Shunt Sensor and Current
Transformer Interface
RS-232 Serial Communication with PC
On-board 8051 Microcontroller
On-board Voltage Reference
Lab Windows/CVITM Evaluation Software
- Register Setup & Chip Control
- FFT Analysis
- Time Domain Analysis
- Noise Histogram Analysis
On-board Data SRAM
Integrated RS-232 Test Mode
“Auto-Boot” Demo with serial EEPROM
General Description
The CDB5461 is an inexpensive tool designed to evalu-
ate the functionality and performance of the CS5461.
The CS5461 Data Sheet is supplied in conjunction with
the CDB5461 evaluation board.
The evaluation board includes an LT1019 voltage refer-
ence, an 8051 microcontroller, an RS232 transceiver,
and firmware. The 8051 controls the serial communica-
tion between the evaluation board and the PC via the
firmware, enabling quick and easy access to all of the
CS5461’s registers and functions.
The CDB5461 includes software for Data Capture, Time
Domain Analysis, Histogram Analysis, and Frequency
Domain Analysis.
ORDERING INFORMATION
CDB5461
Evaluation Board
APR ‘04
DS487DB4


Similar Part No. - CDB5461

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CDB5461AU CIRRUS-CDB5461AU Datasheet
1Mb / 36P
Voltage and Current Interface
More results

Similar Description - CDB5461

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CDB5530U CIRRUS-CDB5530U Datasheet
760Kb / 20P
Evaluation Board and Software
CDB5534U CIRRUS-CDB5534U Datasheet
619Kb / 22P
Evaluation Board and Software
CDB5451A CIRRUS-CDB5451A Datasheet
1Mb / 24P
Evaluation Board and Software
CDB5460A CIRRUS-CDB5460A Datasheet
1Mb / 28P
Evaluation Board and Software
CDB5471 CIRRUS-CDB5471 Datasheet
1Mb / 26P
Evaluation Board and Software
CDB5510 CIRRUS-CDB5510 Datasheet
2Mb / 22P
Evaluation Board and Software
CDB5521 CIRRUS-CDB5521 Datasheet
1Mb / 28P
Evaluation Board and Software
CDB5550 CIRRUS-CDB5550 Datasheet
796Kb / 23P
Evaluation Board and Software
logo
Texas Instruments
TMP104EVM TI1-TMP104EVM Datasheet
2Mb / 25P
TMP104EVM Evaluation Board and Software Tutorial
logo
Cirrus Logic
CDB5532U CIRRUS-CDB5532U Datasheet
818Kb / 22P
CDB5532U Evaluation Board and Software
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com