Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5464 Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS5464
Description  Three-channel, Single-phase Power/Energy IC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5464 Datasheet(HTML) 1 Page - Cirrus Logic

  CS5464 Datasheet HTML 1Page - Cirrus Logic CS5464 Datasheet HTML 2Page - Cirrus Logic CS5464 Datasheet HTML 3Page - Cirrus Logic CS5464 Datasheet HTML 4Page - Cirrus Logic CS5464 Datasheet HTML 5Page - Cirrus Logic CS5464 Datasheet HTML 6Page - Cirrus Logic CS5464 Datasheet HTML 7Page - Cirrus Logic CS5464 Datasheet HTML 8Page - Cirrus Logic CS5464 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 46 page
background image
Preliminary Product Information
This document contains information for a new product.
Cirrus Logic reserves the right to modify this product without notice.
Copyright
© Cirrus Logic, Inc. 2006
(All Rights Reserved)
http://www.cirrus.com
CS5464
Three-channel, Single-phase Power/Energy IC
Features
• Energy Data Linearity: ±0.1% of Reading
over 1000:1 Dynamic Range
• On-chip Functions:
- Instantaneous Voltage, Current, and Power
- IRMS and VRMS, Active, Reactive, and
Apparent Power
- Current Fault and Voltage Sag Detect
- System Calibrations / Phase Compensation
- Temperature Sensor
- Energy-to-pulse Conversion
- Positive-only Accumulation Mode
• Meets Accuracy Spec for IEC, ANSI, & JIS
• Low Power Consumption
• Tamper Detection in 2-Wire Distribution
Systems
• GND-referenced Signals with Single Supply
• On-chip 2.5 V Reference (25 ppm/°C typ)
• Power Supply Monitor
• Simple Three-wire Digital Serial Interface
• “Auto-boot” Mode from Serial E2PROM.
• Power Supply Configurations
VA+ = +5 V; AGND = 0 V; VD+ = +3.3 V to +5 V
Description
The CS5464 is an integrated power measure-
ment
device
which
combines
three
∆Σ
analog-to-digital converters, power calculation
engine, energy-to-frequency converter, and a
serial interface on a single chip. It is designed to
accurately measure instantaneous current and
voltage and calculate VRMS, IRMS, instantaneous
power, active power, apparent power, and reac-
tive
power
for
high-performance
power
measurement applications.
The CS5464 is optimized to interface to shunt re-
sistors or current transformers for current
measurement, and to resistive dividers or poten-
tial transformers for voltage measurement.
The
CS5464
features
a
tamper
detection
scheme that uses the larger of the active power
measurements to register energy. Additional fea-
tures
include
system-level
calibration,
temperature sensor, voltage sag & current fault
detection, and phase compensation.
ORDERING INFORMATION
See Page 45.
VA+
VD+
IIN1+
IIN1-
VREFIN
VREFOUT
AGND
XIN
XOUT CPUCLK
DGND
CS
SDO
SDI
SCLK
INT
Voltage
Reference
System
Clock
/K
Clock
Generator
Serial
Interface
E-to-F
Power
Monitor
PFMON
x1
RESET
Calibration
MODE
Power
Calculation
Engine
4th Order
∆Σ
Modulator
Temperature
Sensor
Digital
Filter
PGA
HPF
Option
E1
E2
E3
VIN+
VIN-
2nd Order
∆Σ
Modulator
Digital
Filter
10x
HPF
Option
IIN2+
IIN2-
Digital
Filter
4th Order
∆Σ
Modulator
HPF
Option
PGA
MAR ‘06
DS682PP1


Similar Part No. - CS5464

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5464 CIRRUS-CS5464 Datasheet
867Kb / 46P
Three-channel, Single-phase Power/Energy IC
CS5464 CIRRUS-CS5464 Datasheet
484Kb / 46P
Three-channel, Single-phase Power/Energy IC
CS5464-IS CIRRUS-CS5464-IS Datasheet
867Kb / 46P
Three-channel, Single-phase Power/Energy IC
CS5464-ISZ CIRRUS-CS5464-ISZ Datasheet
867Kb / 46P
Three-channel, Single-phase Power/Energy IC
CS5464-ISZ CIRRUS-CS5464-ISZ Datasheet
484Kb / 46P
Three-channel, Single-phase Power/Energy IC
More results

Similar Description - CS5464

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5460A CIRRUS-CS5460A Datasheet
876Kb / 54P
Single Phase Bi-Directional Power/Energy IC
logo
List of Unclassifed Man...
SA9904B ETC-SA9904B Datasheet
106Kb / 12P
Three Phase Power / Energy IC with SPI Interface
logo
Sames
SA9904A SAMES-SA9904A Datasheet
160Kb / 12P
Three Phase Power / Energy IC with SPI Interface
logo
Cirrus Logic
CS5464 CIRRUS-CS5464_07 Datasheet
867Kb / 46P
Three-channel, Single-phase Power/Energy IC
CS5463 CIRRUS-CS5463_11 Datasheet
388Kb / 46P
Single Phase, Bi-directional Power/Energy IC
CS5464 CIRRUS-CS5464_11 Datasheet
484Kb / 46P
Three-channel, Single-phase Power/Energy IC
logo
Sames
SA9904B SAMES-SA9904B Datasheet
279Kb / 12P
Three Phase Power Energy IC with SPI
logo
Cirrus Logic
CS5480 CIRRUS-CS5480 Datasheet
892Kb / 70P
Three Channel Energy Measurement IC
logo
Sames
SA4305A SAMES-SA4305A Datasheet
528Kb / 15P
Three Phase Bidirectional Energy Metering IC
SA9904B SAMES-SA9904B_17 Datasheet
552Kb / 18P
Three Phase Multifunction Energy Metering IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com