Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5464 Datasheet(PDF) 35 Page - Cirrus Logic

Part # CS5464
Description  Three-channel, Single-phase Power/Energy IC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5464 Datasheet(HTML) 35 Page - Cirrus Logic

Back Button CS5464 Datasheet HTML 31Page - Cirrus Logic CS5464 Datasheet HTML 32Page - Cirrus Logic CS5464 Datasheet HTML 33Page - Cirrus Logic CS5464 Datasheet HTML 34Page - Cirrus Logic CS5464 Datasheet HTML 35Page - Cirrus Logic CS5464 Datasheet HTML 36Page - Cirrus Logic CS5464 Datasheet HTML 37Page - Cirrus Logic CS5464 Datasheet HTML 38Page - Cirrus Logic CS5464 Datasheet HTML 39Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 46 page
background image
CS5464
DS682PP1
35
These values may be read and stored for future system AC offset compensation. The value is represented in
two's complement notation in the range of -1.0
≤ Vacoff, Iacoff < 1.0 (-1.0 ≤ V2acoff, I2acoff < 1.0), with the binary point
to the right of the MSB.
6.2.5 PulseRateE Register
Address: 15
Default = 0x800000 = 1.00 (2 kHz @ 4.096 MHz MCLK)
PulseRateE sets the frequency of E1, E2, & E3 pulses. E1, E2, E3 frequency = (MCLK x PulseRateE) / 2048 at
full scale. For a 4 khz sample rate, the maximum pulse rate is 2 khz. The value is represented in two's comple-
ment notation and in the range is -1.0
≤ PulseRateE < 1.0, with the binary point to the right of the MSB. Negative
values have the same effect as positive. See Section 5.5 Energy Pulse Output on page 18 for more information.
6.2.6 Operational Mode (Mode) Register
Address: 16
Default = 0x000000
TAMPER
Indicates when the meter has been tampered with.
0 = Normal operation. Energy is registered using P. (default)
1 = Tamper condition has been detected. Energy is registered using P2.
TOFF
Tamper Detection Off
0 = Enables tamper detection. (default)
1 = Disables tamper detection.
E2MODE[1:0]
E2 Output Mode
00 = Sign of Active Power (default)
01 = Apparent Power
10 = Tamper Detect
11 = Reserved
VHPF2:IHPF2 High-pass Filter Enable
00 = High-pass filter disabled on voltage channel 2 & current channel 2 (default)
01 = High-pass filter enabled on current channel 2 with all-pass filter on voltage channel 2
10 = High-pass filter enabled on voltage channel 2 with all-pass filter on current channel 2
11 = High-pass filter enabled on voltage channel 2 & current channel 2
VHPF:IHPF
High-pass Filter Enable
00 = High-pass filter disabled on voltage channel 1 & current channel 1 (default)
01 = High-pass filter enabled on current channel 1 with all-pass filter on voltage channel 1
10 = High-pass filter enabled on voltage channel 1 with all-pass filter on current channel 1
11 = High-pass filter enabled on voltage channel 1 & current channel 1
MSB
LSB
-(20)2-1
2-2
2-3
2-4
2-5
2-6
2-7
.....
2-17
2-18
2-19
2-20
2-21
2-22
2-23
23
22
21
20
19
18
17
16
TAMPER
--
--
--
-
15
14
13
12
11
10
9
8
-
-
-
TOFF
-
E2MODE[1]
E2MODE[0]
VHPF2
7
654
32
10
IHPF2
VHPF
IHPF
-
E3MODE[1]
E3MODE[0]
POS
AFC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com