Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5464 Datasheet(PDF) 36 Page - Cirrus Logic

Part # CS5464
Description  Three-channel, Single-phase Power/Energy IC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5464 Datasheet(HTML) 36 Page - Cirrus Logic

Back Button CS5464 Datasheet HTML 32Page - Cirrus Logic CS5464 Datasheet HTML 33Page - Cirrus Logic CS5464 Datasheet HTML 34Page - Cirrus Logic CS5464 Datasheet HTML 35Page - Cirrus Logic CS5464 Datasheet HTML 36Page - Cirrus Logic CS5464 Datasheet HTML 37Page - Cirrus Logic CS5464 Datasheet HTML 38Page - Cirrus Logic CS5464 Datasheet HTML 39Page - Cirrus Logic CS5464 Datasheet HTML 40Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 46 page
background image
CS5464
36
DS682PP1
E3MODE1:0
E3 Output Mode
00 = Reactive Power (default)
01 = PFMON
10 = Voltage sign
11 = Apparent Power
POS
Positive Energy Only. Negative energy pulses on E1 are suppressed. However, negative P reg-
ister results will NOT be suppressed.
AFC
Enables automatic line frequency measurement and sets the frequency of the local sine/cosine
generator used in fundamental/harmonic measurements. When AFC is enabled, the Epsilon
register will be updated periodically.
6.2.7 Epsilon (
ε) Register
Address: 17
Default = 0x01999A = 0.0125 sec
Epsilon (
ε) is the ratio of the input line frequency to the sample frequency of the ADC (See Section 5.4 Perform-
ing Measurements
on page 17). Epsilon is either written to the register, or measured during conversions. The
value is represented in two's complement notation and in the range of -1.0
≤
ε < 1.0, with the binary point to the
right of the MSB. Negative values have no significance.
6.2.8 Tamper Threshold (Tamperlevel) Register
Address: 18
Default = 828F5C = 2%
Tamper Threshold (
Tamperlevel) sets the level at which the two active powers, PActive or P2Active, can differ be-
fore a tamper condition is detected. When this threshold is reached the CS5464 will use the higher of the two
power calculation in the pulse out accumulation registers. The value is represented in two's complement nota-
tion and in the range of -1.0
≤ Tamperlevel < 1.0, with the binary point to the right of the MSB.
6.2.9 Cycle Count Register
Address: 19
Default = 0x000FA0 = 4000
Cycle Count, denoted as N, determines the length of one computation cycle. During continuous conversions,
the computation cycle frequency is (MCLK/K)/(1024
∗N). A one second computational cycle period occurs when
MCLK = 4.096 MHz, K = 1, and N = 4000. The Cycle Count register must be
≥ 2.
MSB
LSB
-(20)2-1
2-2
2-3
2-4
2-5
2-6
2-7
.....
2-17
2-18
2-19
2-20
2-21
2-22
2-23
MSB
LSB
-(20)2-1
2-2
2-3
2-4
2-5
2-6
2-7
.....
2-17
2-18
2-19
2-20
2-21
2-22
2-23
MSB
LSB
223
222
221
220
219
218
217
216
.....
26
25
24
23
22
21
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com