Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GWDASPA1.EC Datasheet(PDF) 7 Page - ams AG

Part # GWDASPA1.EC
Description  High-efficacy mid-power LED with long lifetimes also at high currents and high junction temperatures.
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

GWDASPA1.EC Datasheet(HTML) 7 Page - ams AG

Back Button GWDASPA1.EC Datasheet HTML 3Page - ams AG GWDASPA1.EC Datasheet HTML 4Page - ams AG GWDASPA1.EC Datasheet HTML 5Page - ams AG GWDASPA1.EC Datasheet HTML 6Page - ams AG GWDASPA1.EC Datasheet HTML 7Page - ams AG GWDASPA1.EC Datasheet HTML 8Page - ams AG GWDASPA1.EC Datasheet HTML 9Page - ams AG GWDASPA1.EC Datasheet HTML 10Page - ams AG GWDASPA1.EC Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
Version 1.6 (not for new design)
GW DASPA1.EC
2018-01-15
7
Color Chromaticity Groups
Farbortgruppen
Group
Gruppe
Cx
Cy
Group
Gruppe
Cx
Cy
Group
Gruppe
Cx
Cy
5H
0.3366
0.3369
5O
0.3890
0.3690
6T
0.4342
0.3957
0.3369
0.3451
0.3916
0.3772
0.4386
0.4048
0.3441
0.3428
0.3975
0.3731
0.4420
0.3985
0.3448
0.3515
0.4006
0.3815
0.4468
0.4077
6H
0.3369
0.3451
6O
0.3916
0.3772
7T
0.4386
0.4048
0.3373
0.3534
0.3943
0.3853
0.4430
0.4138
0.3448
0.3515
0.4006
0.3815
0.4468
0.4077
0.3456
0.3601
0.4036
0.3898
0.4515
0.4168
7H
0.3373
0.3534
7O
0.3943
0.3853
8T
0.4430
0.4138
0.3376
0.3616
0.3970
0.3934
0.4474
0.4228
0.3456
0.3601
0.4036
0.3898
0.4515
0.4168
0.3464
0.3688
0.4067
0.3982
0.4562
0.4260
5I
0.3441
0.3428
8O
0.3970
0.3934
5U
0.4373
0.3893
0.3448
0.3515
0.3997
0.4015
0.4420
0.3985
0.3515
0.3487
0.4067
0.3982
0.4428
0.3906
0.3527
0.3578
0.4097
0.4065
0.4477
0.3998
6I
0.3448
0.3515
5P
0.3975
0.3731
6U
0.4420
0.3985
0.3456
0.3601
0.4006
0.3815
0.4468
0.4077
0.3527
0.3578
0.4061
0.3773
0.4477
0.3998
0.3539
0.3669
0.4095
0.3858
0.4526
0.4090
7I
0.3456
0.3601
6P
0.4006
0.3815
7U
0.4468
0.4077
0.3464
0.3688
0.4036
0.3898
0.4515
0.4168
0.3539
0.3669
0.4095
0.3858
0.4526
0.4090
0.3551
0.3760
0.4130
0.3944
0.4576
0.4183
5J
0.3512
0.3465
7P
0.4036
0.3898
8U
0.4515
0.4168
0.3524
0.3555
0.4067
0.3982
0.4562
0.4260
0.3591
0.3522
0.4130
0.3944
0.4576
0.4183
0.3608
0.3616
0.4164
0.4029
0.4625
0.4275
7) Seite 25
7) page 25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com