Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GWDASPA1.EC Datasheet(PDF) 1 Page - ams AG

Part # GWDASPA1.EC
Description  High-efficacy mid-power LED with long lifetimes also at high currents and high junction temperatures.
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

GWDASPA1.EC Datasheet(HTML) 1 Page - ams AG

  GWDASPA1.EC Datasheet HTML 1Page - ams AG GWDASPA1.EC Datasheet HTML 2Page - ams AG GWDASPA1.EC Datasheet HTML 3Page - ams AG GWDASPA1.EC Datasheet HTML 4Page - ams AG GWDASPA1.EC Datasheet HTML 5Page - ams AG GWDASPA1.EC Datasheet HTML 6Page - ams AG GWDASPA1.EC Datasheet HTML 7Page - ams AG GWDASPA1.EC Datasheet HTML 8Page - ams AG GWDASPA1.EC Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
2018-01-15
1
2018-01-15
DURIS P 5
Datasheet
Version 1.6 (not for new design)
GW DASPA1.EC
High-efficacy mid-power LED with long lifetimes also
at high currents and high junction temperatures.
Hocheffiziente LED mittlerer Leistungsklasse mit
langer Lebensdauer auch bei hohen Strömen und
hohen Sperrschichttemperaturen.
Features:
Besondere Merkmale:
Package: SMT package
Gehäusetyp: SMT Gehäuse
Viewing angle at 50 % I
V: 130°
Abstrahlwinkel bei 50 % I
V: 130°
Color: 2700 K - 5000 K (white)
Farbe: 2700 K - 5000 K (weiß)
CRI: min. 80 ( typ. 83 )
CRI: min. 80 ( typ. 83 )
Luminous Flux: typ. 33 lm @ 3000 K
Lichtstrom: typ. 33 lm @ 3000 K
Luminous efficacy: typ. 110 lm/W @ 3000 K
Lichtausbeute: typ. 110 lm/W @ 3000 K
Corrosion Robustness: Superior Corrosion
Robustness
Korrosionsstabilität: Höchste
Korrosionsbeständigkeit
Lumen Maintenance: Test results according to
IESNA LM-80 available
Lichtstromerhaltung: Testergebnisse nach
IESNA LM-80 verfügbar
Applications
Anwendungen
Architectural lighting
Architekturbeleuchtung
Accent and effect lighting
Akzent- und Effektbeleuchtung
Room lighting: ceiling light, cove lighting,
chandeliers, pendants, sconces
Raumbeleuchtung: Deckenbeleuchtung,
Nischenbeleuchtung, Kronleuchter,
Hängeleuchten, Wandleuchter
Channel letters
Leuchtlettern
Linear lights
Linearbeleuchtung


Similar Part No. - GWDASPA1.EC

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GWDASPA1.EC OSRAM-GWDASPA1.EC Datasheet
1Mb / 26P
Architectural lighting
GWDASPA1.EC-GUHQ-5U8X-1 OSRAM-GWDASPA1.EC-GUHQ-5U8X-1 Datasheet
1Mb / 26P
Architectural lighting
GWDASPA1.EC-HQHS-5O8Q-1 OSRAM-GWDASPA1.EC-HQHS-5O8Q-1 Datasheet
1Mb / 26P
Architectural lighting
GWDASPA1.EC-HQHS-5R8T-1 OSRAM-GWDASPA1.EC-HQHS-5R8T-1 Datasheet
1Mb / 26P
Architectural lighting
GWDASPA1.EC-HRHT-5H7I-1 OSRAM-GWDASPA1.EC-HRHT-5H7I-1 Datasheet
1Mb / 26P
Architectural lighting
More results

Similar Description - GWDASPA1.EC

ManufacturerPart #DatasheetDescription
logo
Jianghai Europe GmbH
CD138PC JIANGHAI-CD138PC Datasheet
1Mb / 4P
EC Screw 85째C Long Lifetime 10.000h High Reliability at High Voltage Highest Currents(Screw)
logo
Lumileds Lighting Compa...
LXR7-SW30 LUMILEDS-LXR7-SW30 Datasheet
1Mb / 24P
High Flux Density and Efficacy
logo
List of Unclassifed Man...
LZ1-00UA00 ETC2-LZ1-00UA00 Datasheet
983Kb / 19P
High Efficacy VIOLET LED Emitter
logo
NXP Semiconductors
LXR7-SW65 PHILIPS-LXR7-SW65 Datasheet
1Mb / 26P
High Flux Density and Efficacy
20140714
logo
Seoul Semiconductor
SZ5-M2 SEOUL-SZ5-M2 Datasheet
1Mb / 30P
High Lumen Output and Efficacy
SPF0BF0A SEOUL-SPF0BF0A Datasheet
795Kb / 20P
High lumen output and efficacy
logo
ams AG
GBPSLM31.13 AMSCO-GBPSLM31.13 Datasheet
1Mb / 22P
The compact, mid-power Duris® S 5 LED with industry standard 3030 package that comes with high efficacy, color quality and long lifetime.
Version 1.5 2020-11-23
GBDASPA1.13 AMSCO-GBDASPA1.13 Datasheet
1Mb / 22P
High-efficacy mid-power LED with long lifetimes also at high currents and high junction temperatures.
Version 1.4
GWPSLM32.UL AMSCO-GWPSLM32.UL Datasheet
1Mb / 22P
The compact, mid-power Duris® S 5 LED with industry standard 3030 package that comes with high efficacy, color quality and long lifetime.
Version 1.6 2022-01-20
GWPULTA1.CM AMSCO-GWPULTA1.CM Datasheet
1Mb / 25P
High-power LED with high performance, superior robustness and long lifetime.
Version 1.4 2022-08-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com