Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GWDASPA1.EC Datasheet(PDF) 14 Page - ams AG

Part # GWDASPA1.EC
Description  High-efficacy mid-power LED with long lifetimes also at high currents and high junction temperatures.
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

GWDASPA1.EC Datasheet(HTML) 14 Page - ams AG

Back Button GWDASPA1.EC Datasheet HTML 10Page - ams AG GWDASPA1.EC Datasheet HTML 11Page - ams AG GWDASPA1.EC Datasheet HTML 12Page - ams AG GWDASPA1.EC Datasheet HTML 13Page - ams AG GWDASPA1.EC Datasheet HTML 14Page - ams AG GWDASPA1.EC Datasheet HTML 15Page - ams AG GWDASPA1.EC Datasheet HTML 16Page - ams AG GWDASPA1.EC Datasheet HTML 17Page - ams AG GWDASPA1.EC Datasheet HTML 18Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
2018-01-15
14
Version 1.6 (not for new design)
GW DASPA1.EC
Max. Permissible Forward Current
Max. zulässiger Durchlassstrom
IF = f (T)
0
20
40
60
80
100
120
140
TS [°C]
0
20
40
60
80
100
120
140
160
180
200
220
240
260
280
IF [mA]
Do not use below 30 mA
Gx DASPA1.xx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com