Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GTRA184602FC-V1-R0 Datasheet(PDF) 3 Page - WOLFSPEED, INC.

Part # GTRA184602FC-V1-R0
Description  Thermally-Enhanced High Power RF GaN on SiC HEMT 460 W, 48 V, 1805 – 1880 MHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

GTRA184602FC-V1-R0 Datasheet(HTML) 3 Page - WOLFSPEED, INC.

  GTRA184602FC-V1-R0 Datasheet HTML 1Page - WOLFSPEED, INC. GTRA184602FC-V1-R0 Datasheet HTML 2Page - WOLFSPEED, INC. GTRA184602FC-V1-R0 Datasheet HTML 3Page - WOLFSPEED, INC. GTRA184602FC-V1-R0 Datasheet HTML 4Page - WOLFSPEED, INC. GTRA184602FC-V1-R0 Datasheet HTML 5Page - WOLFSPEED, INC. GTRA184602FC-V1-R0 Datasheet HTML 6Page - WOLFSPEED, INC. GTRA184602FC-V1-R0 Datasheet HTML 7Page - WOLFSPEED, INC. GTRA184602FC-V1-R0 Datasheet HTML 8Page - WOLFSPEED, INC. GTRA184602FC-V1-R0 Datasheet HTML 9Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
GTRA184602FC
3
Rev. 03, 2023-03-02
© 2023 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
Characteristic
Symbol
Value
Unit
Conditions
Thermal Resistance (main)
R
qJC
2.0
°C/W
P
DISS = 40 W DC, 48 V, IDQ = 150 mA
Thermal Resistance (peak)
1.2
P
DISS = 77 W DC, 48 V, VGSPK = –5.5 VmA
Thermal Characteristics
Thermal resistance, junction to case (T
CASE = 70°C, ƒ = 1842.5 MHz))
Ordering Information
Type and Version
Order Code
Package
Shipping
GTRA184602FC V1 R0
GTRA184602FC-V1-R0
H-37248C-4, earless flange
Tape & Reel, 50 pcs
GTRA184602FC V1 R2
GTRA184602FC-V1-R2
H-37248C-4, earless flange
Tape & Reel, 250 pcs



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com