Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GTRA184602FC-V1-R0 Datasheet(PDF) 4 Page - WOLFSPEED, INC.

Part # GTRA184602FC-V1-R0
Description  Thermally-Enhanced High Power RF GaN on SiC HEMT 460 W, 48 V, 1805 – 1880 MHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

GTRA184602FC-V1-R0 Datasheet(HTML) 4 Page - WOLFSPEED, INC.

  GTRA184602FC-V1-R0 Datasheet HTML 1Page - WOLFSPEED, INC. GTRA184602FC-V1-R0 Datasheet HTML 2Page - WOLFSPEED, INC. GTRA184602FC-V1-R0 Datasheet HTML 3Page - WOLFSPEED, INC. GTRA184602FC-V1-R0 Datasheet HTML 4Page - WOLFSPEED, INC. GTRA184602FC-V1-R0 Datasheet HTML 5Page - WOLFSPEED, INC. GTRA184602FC-V1-R0 Datasheet HTML 6Page - WOLFSPEED, INC. GTRA184602FC-V1-R0 Datasheet HTML 7Page - WOLFSPEED, INC. GTRA184602FC-V1-R0 Datasheet HTML 8Page - WOLFSPEED, INC. GTRA184602FC-V1-R0 Datasheet HTML 9Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
GTRA184602FC
4
Rev. 03, 2023-03-02
© 2023 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
Typical Performance (data taken in a Wolfspeed production test fixture)
Figure 1. Single-carrier WCDMA Drive-up
Figure 3. Single-carrier WCDMA Broadband Performance
Figure 4. CW Performance
5
15
25
35
45
55
65
-70
-60
-50
-40
-30
-20
-10
25
30
35
40
45
50
55
Average Output Power (dBm)
Single-carrier WCDMA Drive-up
VDD = 48 V, IDQ(MAIN) = 150 mA,
VGS(PEAK) = –5.5 V, ƒ = 1875 MHz,
3GPP WCDMA signal, 10 dB PAR,
3.84 MHz bandwidth
ACP Up
ACP Low
Efficiency
g184602fc-gr2a
-35
-30
-25
-20
-15
-10
-5
-40
-35
-30
-25
-20
-15
-10
1700
1750
1800
1850
1900
1950
Frequency (MHz)
Single-carrier WCDMA Broadband
Performance
VDD = 48 V, IDQ(MAIN) = 150 mA,
VGS(PEAK) = –5.5 V, POUT = 49.03 dBm,
3GPP WCDMA signal, PAR = 10 dB
ACP Up
ACP Low
IRL
g184602fc-gr4
50
55
60
65
70
75
80
11
12
13
14
15
16
17
1700
1750
1800
1850
1900
1950
Frequency (MHz)
Single-carrier WCDMA Broadband
Performance
VDD = 48 V, IDQ(MAIN) = 150 mA,
VGS(PEAK) =- 5.5V, POUT = 49.03 dBm,
3GPP WCDMA signal, PAR = 10 dB
Efficiency
Gain
g184602fc-gr3
0
10
20
30
40
50
60
70
11
12
13
14
15
16
17
18
29
33
37
41
45
49
53
57
Output Power (dBm)
CW Performance
VDD = 48 V, IDQ(MAIN) = 150 mA,
VGS(PEAK) = –5.5 V
1810 MHz Gain
1842.5 MHz Gain
1875 MHz Gain
1810 MHz Eff
1842.5 MHz Eff
g184602fc-gr5
5
15
25
35
45
55
65
-70
-60
-50
-40
-30
-20
-10
25
30
35
40
45
50
55
Average Output Power (dBm)
Single-carrier WCDMA Drive-up
VDD = 48 V, IDQ(MAIN) = 150 mA,
VGS(PEAK) = –5.5 V, ƒ = 1875 MHz,
3GPP WCDMA signal, 10 dB PAR,
3.84 MHz bandwidth
ACP Up
ACP Low
Efficiency
g184602fc-gr2a
-35
-30
-25
-20
-15
-10
-5
-40
-35
-30
-25
-20
-15
-10
1700
1750
1800
1850
1900
1950
Frequency (MHz)
Single-carrier WCDMA Broadband
Performance
VDD = 48 V, IDQ(MAIN) = 150 mA,
VGS(PEAK) = –5.5 V, POUT = 49.03 dBm,
3GPP WCDMA signal, PAR = 10 dB
ACP Up
ACP Low
IRL
g184602fc-gr4
50
55
60
65
70
75
80
11
12
13
14
15
16
17
1700
1750
1800
1850
1900
1950
Frequency (MHz)
Single-carrier WCDMA Broadband
Performance
VDD = 48 V, IDQ(MAIN) = 150 mA,
VGS(PEAK) =- 5.5V, POUT = 49.03 dBm,
3GPP WCDMA signal, PAR = 10 dB
Efficiency
Gain
g184602fc-gr3
0
10
20
30
40
50
60
70
11
12
13
14
15
16
17
18
29
33
37
41
45
49
53
57
Output Power (dBm)
CW Performance
VDD = 48 V, IDQ(MAIN) = 150 mA,
VGS(PEAK) = –5.5 V
1810 MHz Gain
1842.5 MHz Gain
1875 MHz Gain
1810 MHz Eff
1842.5 MHz Eff
g184602fc-gr5
Figure 2. Single-carrier WCDMA Broadband Performance
50
55
60
65
70
75
80
11
12
13
14
15
16
17
1700
1750
1800
1850
1900
1950
Frequency (MHz)
Single-carrier WCDMA Broadband
Performance
VDD = 48 V, IDQ(MAIN) = 150 mA,
VGS(PEAK) =- 5.5V, POUT = 49.03 dBm,
3GPP WCDMA signal, PAR = 10 dB
Efficiency
Gain
g184602fc-gr3
50
55
60
65
70
75
80
11
12
13
14
15
16
17
1700
1750
1800
1850
1900
1950
Frequency (MHz)
Single-carrier WCDMA Broadband
Performance
VDD = 48 V, IDQ(MAIN) = 150 mA,
VGS(PEAK) =- 5.5V, POUT = 49.03 dBm,
3GPP WCDMA signal, PAR = 10 dB
Efficiency
Gain
g184602fc-gr3
50
55
60
65
70
75
80
11
12
13
14
15
16
17
1700
1750
1800
1850
1900
1950
Frequency (MHz)
Single-carrier WCDMA Broadband
Performance
VDD = 48 V, IDQ(MAIN) = 150 mA,
VGS(PEAK) =- 5.5V, POUT = 49.03 dBm,
3GPP WCDMA signal, PAR = 10 dB
Efficiency
Gain
g184602fc-gr3



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com