Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GTRA184602FC-V1-R0 Datasheet(PDF) 5 Page - WOLFSPEED, INC.

Part # GTRA184602FC-V1-R0
Description  Thermally-Enhanced High Power RF GaN on SiC HEMT 460 W, 48 V, 1805 – 1880 MHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

GTRA184602FC-V1-R0 Datasheet(HTML) 5 Page - WOLFSPEED, INC.

  GTRA184602FC-V1-R0 Datasheet HTML 1Page - WOLFSPEED, INC. GTRA184602FC-V1-R0 Datasheet HTML 2Page - WOLFSPEED, INC. GTRA184602FC-V1-R0 Datasheet HTML 3Page - WOLFSPEED, INC. GTRA184602FC-V1-R0 Datasheet HTML 4Page - WOLFSPEED, INC. GTRA184602FC-V1-R0 Datasheet HTML 5Page - WOLFSPEED, INC. GTRA184602FC-V1-R0 Datasheet HTML 6Page - WOLFSPEED, INC. GTRA184602FC-V1-R0 Datasheet HTML 7Page - WOLFSPEED, INC. GTRA184602FC-V1-R0 Datasheet HTML 8Page - WOLFSPEED, INC. GTRA184602FC-V1-R0 Datasheet HTML 9Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
GTRA184602FC
5
Rev. 03, 2023-03-02
© 2023 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
Typical Performance (cont.)
Figure 5. CW Performance at various V
DD
0
10
20
30
40
50
60
70
11
12
13
14
15
16
17
18
29
33
37
41
45
49
53
57
Output Power (dBm)
CW Performance at various VDD
IDQ(MAIN) = 150 mA, VGS(PEAK) = –5.8 V,
ƒ = 1875 MHz
44 V Gain
48 V Gain
44 V Eff
48 V Eff
g184602fc-gr6a
0
10
20
30
40
50
60
70
11
12
13
14
15
16
17
18
29
33
37
41
45
49
53
57
Output Power (dBm)
CW Performance at various VDD
IDQ(MAIN) = 150 mA, VGS(PEAK) = –5.8 V,
ƒ = 1875 MHz
44 V Gain
48 V Gain
44 V Eff
48 V Eff
g184602fc-gr6a
-15
-14
-13
-12
-11
-10
-9
-8
11
12
13
14
15
16
17
18
1700 1750 1800 1850 1900 1950 2000
Frequency (MHz)
CW Performance Small Signal
Gain & Input Return Loss
VDD = 48 V, IDQ(MAIN) = 150 mA,
VGSPEAK = –5.5 V
IRL
Gain
g184602fc-gr7
Figure 6. CW Performance Small Signal
Gain & Input Return Loss
Load Pull
Main Side Load Pull Performance – Pulsed CW signal: 16 µs, 10% duty cycle, 48 V, I
DQ = 150 mA
P
3dB
Class AB
Max Output Power
Max Drain Efficiency
Freq
[MHz]
Zs [W]
Zl [W]
Gain
[dB]
P
OUT
[dBm]
P
OUT [W]
h
D [%]
Zl [W]
Gain
[dB]
P
OUT
[dBm]
P
OUT [W]
h
D [%]
1805
7.6 – j7.2
3 – j5.1
16.4
53.35
216
65
3.1 – j2.4
18.8
52.30
170
80
1880
7.4 – j7.6
3 – j5.1
17.3
53.40
219
71
2.9 – j2.8
19.2
51.80
151
80
P
3dB
Class C
Max Output Power
Max Drain Efficiency
Freq
[MHz]
Zs [W]
Zl [W]
Gain
[dB]
P
OUT
[dBm]
P
OUT [W]
h
D [%]
Zl [W]
Gain
[dB]
P
OUT
[dBm]
P
OUT [W]
h
D [%]
1805
4.54 – j6.07
2.21 – j4.67
15.8
56.70
468
66
2.23 – j2.6
17.6
55.30
339
78
1880
4.53 – j6.07
2.22 – j5.37
15.9
56.80
479
65
1.58 – j2.27
17.4
53.60
229
81
Peak Side Load Pull Performance – Pulsed CW signal: 16 µs, 10% duty cycle, 48 V, V
GS(PEAK) = –3.3 V
50
55
60
65
70
75
80
11
12
13
14
15
16
17
1700
1750
1800
1850
1900
1950
Frequency (MHz)
Single-carrier WCDMA Broadband
Performance
VDD = 48 V, IDQ(MAIN) = 150 mA,
VGS(PEAK) =- 5.5V, POUT = 49.03 dBm,
3GPP WCDMA signal, PAR = 10 dB
Efficiency
Gain
g184602fc-gr3
-15
-14
-13
-12
-11
-10
-9
-8
11
12
13
14
15
16
17
18
1700 1750 1800 1850 1900 1950 2000
Frequency (MHz)
CW Performance Small Signal
Gain & Input Return Loss
VDD = 48 V, IDQ(MAIN) = 150 mA,
VGSPEAK = –5.5 V
IRL
Gain
g184602fc-gr7
50
55
60
65
70
75
80
11
12
13
14
15
16
17
1700
1750
1800
1850
1900
1950
Frequency (MHz)
Single-carrier WCDMA Broadband
Performance
VDD = 48 V, IDQ(MAIN) = 150 mA,
VGS(PEAK) =- 5.5V, POUT = 49.03 dBm,
3GPP WCDMA signal, PAR = 10 dB
Efficiency
Gain
g184602fc-gr3



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com