Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GTRA412852FC-V1-R2 Datasheet(PDF) 8 Page - WOLFSPEED, INC.

Part # GTRA412852FC-V1-R2
Description  Thermally-Enhanced High Power RF GaN on SiC HEMT 235 W, 48 V, 37004100 MHz
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

GTRA412852FC-V1-R2 Datasheet(HTML) 8 Page - WOLFSPEED, INC.

Back Button GTRA412852FC-V1-R2 Datasheet HTML 4Page - WOLFSPEED, INC. GTRA412852FC-V1-R2 Datasheet HTML 5Page - WOLFSPEED, INC. GTRA412852FC-V1-R2 Datasheet HTML 6Page - WOLFSPEED, INC. GTRA412852FC-V1-R2 Datasheet HTML 7Page - WOLFSPEED, INC. GTRA412852FC-V1-R2 Datasheet HTML 8Page - WOLFSPEED, INC. GTRA412852FC-V1-R2 Datasheet HTML 9Page - WOLFSPEED, INC. GTRA412852FC-V1-R2 Datasheet HTML 10Page - WOLFSPEED, INC. GTRA412852FC-V1-R2 Datasheet HTML 11Page - WOLFSPEED, INC. GTRA412852FC-V1-R2 Datasheet HTML 12Page - WOLFSPEED, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
GTRA412852FC
8
Rev. 03.1, 2022-1-27
© 2022 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
Typical RF Performance, 3700 – 3900 MHz (cont.)
Figure 15. Pulsed CW Performance at 48 V
DD
Figure 17. CW Performance Small Signal
Gain & Input Return Loss
0
10
20
30
40
50
60
10
11
12
13
14
15
16
27
32
37
42
47
52
57
Output Power (dBm)
Pulsed CW Performance at 48 VDD
IDQ(MAIN) = 144 mA, VGS(PEAK) = –5.5 V
3700 MHz
3800 MHz
3900 MHz
Gain
Efficiency
gtra412852fc_3900-gr5
-25
-20
-15
-10
-5
0
10
11
12
13
14
15
16
3400
3600
3800
4000
4200
Frequency (MHz)
CW Performance
Small Signal Gain & Input Return Loss
VDD = 48 V, IDQ(MAIN) = 144 mA,
VGS(PEAK) = --5.5 V
Gain
Input Return Loss
gtra412852fc_3900-gr7
0
10
20
30
40
50
60
10
11
12
13
14
15
16
27
32
37
42
47
52
57
Output Power (dBm)
Pulsed CW Performance
at various VDD
IDQ(MAIN) = 144 mA, VGS(PEAK) = –5.5V,
ƒ = 3900 MHz
44 V Gain
48 V Gain
52 V Gain
44 V Efficiency
48 V Efficiency
52 V Efficiency
gtra412852fc_3900-gr6
0
10
20
30
40
50
60
10
11
12
13
14
15
16
27
32
37
42
47
52
57
Output Power (dBm)
Pulsed CW Performance at 48 VDD
IDQ(MAIN) = 144 mA, VGS(PEAK) = –5.5 V
3700 MHz
3800 MHz
3900 MHz
Gain
Efficiency
gtra412852fc_3900-gr5
-25
-20
-15
-10
-5
0
10
11
12
13
14
15
16
3400
3600
3800
4000
4200
Frequency (MHz)
CW Performance
Small Signal Gain & Input Return Loss
VDD = 48 V, IDQ(MAIN) = 144 mA,
VGS(PEAK) = --5.5 V
Gain
Input Return Loss
gtra412852fc_3900-gr7
0
10
20
30
40
50
60
10
11
12
13
14
15
16
27
32
37
42
47
52
57
Output Power (dBm)
Pulsed CW Performance
at various VDD
IDQ(MAIN) = 144 mA, VGS(PEAK) = –5.5V,
ƒ = 3900 MHz
44 V Gain
48 V Gain
52 V Gain
44 V Efficiency
48 V Efficiency
52 V Efficiency
gtra412852fc_3900-gr6
Figure 16. Pulsed CW Performance at Various V
DD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com