Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GTRA412852FC-V1-R2 Datasheet(PDF) 10 Page - WOLFSPEED, INC.

Part # GTRA412852FC-V1-R2
Description  Thermally-Enhanced High Power RF GaN on SiC HEMT 235 W, 48 V, 37004100 MHz
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

GTRA412852FC-V1-R2 Datasheet(HTML) 10 Page - WOLFSPEED, INC.

Back Button GTRA412852FC-V1-R2 Datasheet HTML 6Page - WOLFSPEED, INC. GTRA412852FC-V1-R2 Datasheet HTML 7Page - WOLFSPEED, INC. GTRA412852FC-V1-R2 Datasheet HTML 8Page - WOLFSPEED, INC. GTRA412852FC-V1-R2 Datasheet HTML 9Page - WOLFSPEED, INC. GTRA412852FC-V1-R2 Datasheet HTML 10Page - WOLFSPEED, INC. GTRA412852FC-V1-R2 Datasheet HTML 11Page - WOLFSPEED, INC. GTRA412852FC-V1-R2 Datasheet HTML 12Page - WOLFSPEED, INC. GTRA412852FC-V1-R2 Datasheet HTML 13Page - WOLFSPEED, INC. GTRA412852FC-V1-R2 Datasheet HTML 14Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
GTRA412852FC
10
Rev. 03.1, 2022-1-27
© 2022 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
Evaluation Board, 3700 – 3900 MHz
Evaluation Board Part Number
LTA/GTRA41285FC-E2
PCB Information
Rogers 4350, LoPro® 0.526mm [0.0207”] thick, 1 oz. copper, ε
r = 3.55
Find Gerber files for this test fixture on the Wolfspeed Web site at www.wolfspeed.com/RF
g t r a4 1 2852 f c _CD - 3 7 - 39 0 0_2 0 19 - 12 - 3_ b n
C202
C204
C205
C206
C208
C210
C211
C212
C213
C214
C215
C203
C104
R101
C109
C105
C106
C108
R102
C101
R103
C103
C107
C111
C201
RF_IN
RF_OUT
V DD
V DD
V GG
V GG
C110
C112
GTRA412852FC
OUT_04A
RO4350, LoPro
20.7 MIL, 1 OZ
RO4350, LoPro
20.7 MIL, 1 OZ
GTRA412852FC
IN_04A
3700 MHz to
3900 MHz
3700-3900_MHz
C102
C113
U1
C114
C209
C207
C216
Reference circuit assembly diagram (not to scale)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com