Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GTRA412852FC-V1-R2 Datasheet(PDF) 11 Page - WOLFSPEED, INC.

Part # GTRA412852FC-V1-R2
Description  Thermally-Enhanced High Power RF GaN on SiC HEMT 235 W, 48 V, 37004100 MHz
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

GTRA412852FC-V1-R2 Datasheet(HTML) 11 Page - WOLFSPEED, INC.

Back Button GTRA412852FC-V1-R2 Datasheet HTML 6Page - WOLFSPEED, INC. GTRA412852FC-V1-R2 Datasheet HTML 7Page - WOLFSPEED, INC. GTRA412852FC-V1-R2 Datasheet HTML 8Page - WOLFSPEED, INC. GTRA412852FC-V1-R2 Datasheet HTML 9Page - WOLFSPEED, INC. GTRA412852FC-V1-R2 Datasheet HTML 10Page - WOLFSPEED, INC. GTRA412852FC-V1-R2 Datasheet HTML 11Page - WOLFSPEED, INC. GTRA412852FC-V1-R2 Datasheet HTML 12Page - WOLFSPEED, INC. GTRA412852FC-V1-R2 Datasheet HTML 13Page - WOLFSPEED, INC. GTRA412852FC-V1-R2 Datasheet HTML 14Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
GTRA412852FC
11
Rev. 03.1, 2022-1-27
© 2022 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
Components Information
Component
Description
Manufacturer
P/N
Input
C101, C102, C103, C104, C105 Capacitor, 8.2 pF
ATC
ATC800A8R2CT250X
C106, C107
Capacitor, 0.3 pF
ATC
ATC800A0R3CT250XT
C108
Capacitor, 0.6 pF
ATC
ATC800A0R6BT250XT
C109
Capacitor, 1.0 pF
ATC
ATC800A1R0CT250XT
C109, C110
Capacitor, 1 µF, 100 V
TDK Corporation
C5750X7S2A106M230KB
C111, C112
Capacitor, 10 µF, 100 V
TDK Corporation
C5750X7S2A106M230KB
C113, C114
Capacitor, 100 µF, 35 V
Panasonic – ECG
EEE-FT1V101AP
R101, R102
Resistor, 5.6 ohms
Panasonic – ECG
ERJ-8RQJ5R6V
R103
Resistor, 50 ohms
Anaren
C8A50Z4A
U1
Hybrid coupler
Anaren
X3C35F1-03S
Output
C201, C202
Capacitor, 0.2 pF
ATC
ATC800A0R2BT250XT
C203
Capacitor, 0.3 pF
ATC
ATC800A0R3CT250XT
C204, C205, C206, C207
Capacitor, 8.2 pF
ATC
ATC800A8R2CT250X
C208, C209
Capacitor, 0.001 µF, 100 V
Murata Electronics
GRM188R72A102KA01D
C210, C211
Capacitor, 1 µF, 100 V
TDK Corporation
C5750X7S2A106M230KB
C212, C213
Capacitor, 2.2 µF, 100 V
TDK Corporation
C4532X7R2A225K230KA
C214, C215
Capacitor, 10µF, 100 V
TDK Corporation
C5750X7S2A106M230KB
C216
Capacitor, 220 µF
Panasonic – ECG
ECA-2AHG221
Evaluation Board, 3700 – 3900 MHz (cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com