Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AVC2T45DP Datasheet(PDF) 3 Page - Nexperia B.V. All rights reserved

Part # 74AVC2T45DP
Description  Dual-bit, dual-supply voltage level translator/transceiver; 3-state
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74AVC2T45DP Datasheet(HTML) 3 Page - Nexperia B.V. All rights reserved

  74AVC2T45DP Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74AVC2T45DP Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74AVC2T45DP Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74AVC2T45DP Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74AVC2T45DP Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74AVC2T45DP Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74AVC2T45DP Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74AVC2T45DP Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74AVC2T45DP Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
Nexperia
74AVC2T45
Dual-bit, dual-supply voltage level translator/transceiver; 3-state
5. Functional diagram
001aag577
DIR
1B
2B
7
6
1A
2A
5
2
3
VCC(A)
VCC(B)
Fig. 1. Logic symbol
001aag578
DIR
1B
2B
1A
2A
VCC(A)
VCC(B)
Fig. 2. Logic diagram
6. Pinning information
6.1. Pinning
74AVC2T45
VCC(A)
VCC(B)
1A
1B
2A
2B
GND
DIR
001aag579
1
2
3
4
6
5
8
7
Fig. 3. Pin configuration SOT505-2 (TSSOP8) and
SOT765-1 (VSSOP8)
74AVC2T45
2B
1B
VCC(B)
DIR
2A
1A
VCC(A)
GND
001aag580
3
6
2
7
1
8
4
5
Transparent top view
Fig. 4. Pin configuration SOT833-1, SOT1089,
SOT1116 and SOT1203 (XSON8)
aaa-034160
Transparent top view
74AVC2T45
1
2
3
VCC(A)
1A
2A
8
4
7
6
5
1B
2B
DIR
VCC(B)
GND
Fig. 5. Pin configuration SOT1233-2 (X2SON8)
74AVC2T45
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 10 — 4 November 2021
3 / 25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com