Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AVC2T45DP Datasheet(PDF) 10 Page - Nexperia B.V. All rights reserved

Part # 74AVC2T45DP
Description  Dual-bit, dual-supply voltage level translator/transceiver; 3-state
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74AVC2T45DP Datasheet(HTML) 10 Page - Nexperia B.V. All rights reserved

Back Button 74AVC2T45DP Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74AVC2T45DP Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74AVC2T45DP Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74AVC2T45DP Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74AVC2T45DP Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74AVC2T45DP Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74AVC2T45DP Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74AVC2T45DP Datasheet HTML 13Page - Nexperia B.V. All rights reserved 74AVC2T45DP Datasheet HTML 14Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
Nexperia
74AVC2T45
Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Table 13. Dynamic characteristics for temperature range -40 °C to +125 °C
Voltages are referenced to GND (ground = 0 V); for test circuit see Fig. 8; for waveforms see Fig. 6 and Fig. 7.
VCC(B)
1.2 V
± 0.1 V
1.5 V
± 0.1 V
1.8 V
± 0.15 V
2.5 V
± 0.2 V
3.3 V
± 0.3 V
Symbol Parameter Conditions
Min Max Min Max Min Max Min Max Min Max
Unit
A to B
[1]
VCC(A) = 1.1 V to 1.3 V
1.0
9.9
0.7
7.5
0.6
6.8
0.5
6.3
0.5
6.8 ns
VCC(A) = 1.4 V to 1.6 V
1.0
8.8
0.7
6.0
0.6
5.1
0.5
4.1
0.5
3.9 ns
VCC(A) = 1.65 V to 1.95 V 1.0 8.5 0.6 5.7 0.5 4.8 0.5 3.8 0.5 3.5 ns
VCC(A) = 2.3 V to 2.7 V
1.0
8.0
0.5
5.2
0.5
4.3
0.5
3.3
0.5
2.9 ns
VCC(A) = 3.0 V to 3.6 V
1.0
7.9
0.5
5.0
0.5
4.1
0.5
3.1
0.5
2.7 ns
B to A
[1]
VCC(A) = 1.1 V to 1.3 V
1.0
9.9
0.8
8.8
0.7
8.5
0.6
8.0
0.5
7.9 ns
VCC(A) = 1.4 V to 1.6 V
1.0
7.5
0.8
6.0
0.7
5.7
0.6
5.2
0.5
5.0 ns
VCC(A) = 1.65 V to 1.95 V 1.0 6.8 0.7 5.1 0.5 4.9 0.5 4.3 0.5 4.1 ns
VCC(A) = 2.3 V to 2.7 V
1.0
6.3
0.6
4.2
0.5
3.8
0.5
3.3
0.5
3.1 ns
tpd
propagation
delay
VCC(A) = 3.0 V to 3.6 V
1.0
6.8
0.6
4.0
0.5
3.5
0.5
2.9
0.5
2.7 ns
DIR to A
[2]
VCC(A) = 1.1 V to 1.3 V
2.2
9.7
2.2
9.7
2.2
9.7
2.2
9.7
2.2
9.7 ns
VCC(A) = 1.4 V to 1.6 V
1.6
7.0
1.6
7.0
1.6
7.0
1.6
7.0
1.6
7.0 ns
VCC(A) = 1.65 V to 1.95 V 1.6 6.1 1.6 6.1 1.6 6.1 1.6 6.1 1.6 6.1 ns
VCC(A) = 2.3 V to 2.7 V
1.5
4.7
1.5
4.7
1.5
4.7
1.5
4.7
1.5
4.7 ns
VCC(A) = 3.0 V to 3.6 V
1.5
5.2
1.5
5.2
1.5
5.2
1.5
5.2
1.5
5.2 ns
DIR to B
[2]
VCC(A) = 1.1 V to 1.3 V
2.2
9.2
1.8
7.4
2.0
7.6
1.7
6.9
2.4
8.0 ns
VCC(A) = 1.4 V to 1.6 V
2.0
8.3
1.8
6.5
1.6
6.6
1.2
5.3
1.7
6.1 ns
VCC(A) = 1.65 V to 1.95 V 1.8 8.5 1.8 6.3 1.4 6.4 1.0 5.0 1.5 5.8 ns
VCC(A) = 2.3 V to 2.7 V
1.7
8.0
2.0
5.8
1.5
5.7
0.6
4.7
1.1
5.3 ns
tdis
disable time
VCC(A) = 3.0 V to 3.6 V
1.7
7.9
0.7
6.1
0.6
6.1
0.7
4.6
1.7
5.2 ns
DIR to A
[3][4]
VCC(A) = 1.1 V to 1.3 V
-
19.1
-
16.2
-
16.1
-
14.9
-
15.9 ns
VCC(A) = 1.4 V to 1.6 V
-
15.8
-
12.5
-
12.3
-
10.5
-
11.1 ns
VCC(A) = 1.65 V to 1.95 V
-
15.3
-
11.4
-
11.3
-
9.3
-
9.9 ns
VCC(A) = 2.3 V to 2.7 V
-
14.3
-
10.0
-
9.5
-
8.0
-
8.4 ns
VCC(A) = 3.0 V to 3.6 V
-
14.7
-
10.1
-
9.6
-
7.5
-
7.9 ns
DIR to B
[3][4]
VCC(A) = 1.1 V to 1.3 V
-
19.6
-
17.2
-
16.5
-
16.0
-
16.5 ns
VCC(A) = 1.4 V to 1.6 V
-
15.8
-
13.0
-
12.1
-
11.1
-
10.9 ns
VCC(A) = 1.65 V to 1.95 V
-
14.6
-
11.8
-
10.9
-
9.9
-
9.6 ns
VCC(A) = 2.3 V to 2.7 V
-
12.7
-
9.9
-
9.0
-
8.0
-
7.6 ns
ten
enable time
VCC(A) = 3.0 V to 3.6 V
-
13.1
-
10.2
-
9.3
-
8.3
-
7.9 ns
[1] tpd is the same as tPLH and tPHL
[2] tdis is the same as tPLZ and tPHZ
[3] ten is the same as tPZL and tPZH
[4] ten is a calculated value using the formula shown in Section 12.4
74AVC2T45
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 10 — 4 November 2021
10 / 25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com