Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AVC2T45DP Datasheet(PDF) 5 Page - Nexperia B.V. All rights reserved

Part # 74AVC2T45DP
Description  Dual-bit, dual-supply voltage level translator/transceiver; 3-state
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74AVC2T45DP Datasheet(HTML) 5 Page - Nexperia B.V. All rights reserved

  74AVC2T45DP Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74AVC2T45DP Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74AVC2T45DP Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74AVC2T45DP Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74AVC2T45DP Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74AVC2T45DP Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74AVC2T45DP Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74AVC2T45DP Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74AVC2T45DP Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
Nexperia
74AVC2T45
Dual-bit, dual-supply voltage level translator/transceiver; 3-state
8. Limiting values
Table 5. Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
Min
Max
Unit
VCC(A) supply voltage A
-0.5
+4.6
V
VCC(B) supply voltage B
-0.5
+4.6
V
IIK
input clamping current
VI < 0 V
-50
-
mA
VI
input voltage
[1]
-0.5
+4.6
V
IOK
output clamping current
VO < 0 V
-50
-
mA
Active mode
[1][2][3]
-0.5
VCCO + 0.5 V
VO
output voltage
Suspend or 3-state mode
[1]
-0.5
+4.6
V
IO
output current
VO = 0 V to VCCO
-
±50
mA
ICC
supply current
ICC(A) or ICC(B)
-
100
mA
IGND
ground current
-100
-
mA
Tstg
storage temperature
-65
+150
°C
Ptot
total power dissipation
Tamb = -40 °C to +125 °C
[4]
-
250
mW
[1] The minimum input voltage rating and output voltage ratings may be exceeded if the input and output current ratings are observed.
[2] VCCO is the supply voltage associated with the output port.
[3] VCCO + 0.5 V should not exceed 4.6 V.
[4] For SOT505-2 (TSSOP8) package: Ptot derates linearly with 4.6 mW/K above 96 °C.
For SOT765-1 (VSSOP8) package: Ptot derates linearly with 4.9 mW/K above 99 °C.
For SOT833-1 (XSON8) package: Ptot derates linearly with 3.1 mW/K above 68 °C.
For SOT1089 (XSON8) package: Ptot derates linearly with 4.0 mW/K above 88 °C.
For SOT1116 (XSON8) package: Ptot derates linearly with 4.2 mW/K above 90 °C.
For SOT1203 (XSON8) package: Ptot derates linearly with 3.6 mW/K above 81 °C.
For SOT1233-2 (X2SON8) package: Ptot derates linearly with 7.7 mW/K above 118 °C.
9. Recommended operating conditions
Table 6. Recommended operating conditions
Symbol Parameter
Conditions
Min
Max
Unit
VCC(A) supply voltage A
0.8
3.6
V
VCC(B) supply voltage B
0.8
3.6
V
VI
input voltage
0
3.6
V
Active mode
[1]
0
VCCO
V
VO
output voltage
Suspend or 3-state mode
0
3.6
V
Tamb
ambient temperature
-40
+125
°C
Δt/ΔV
input transition rise and fall rate
VCCI = 0.8 V to 3.6 V
[2]
-
5
ns/V
[1] VCCO is the supply voltage associated with the output port.
[2] VCCI is the supply voltage associated with the input port.
74AVC2T45
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 10 — 4 November 2021
5 / 25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com