Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTNC210604MD-V2-R5 Datasheet(PDF) 4 Page - WOLFSPEED, INC.

Part # PTNC210604MD-V2-R5
Description  Wideband LDMOS Two-stage Integrated Power Amplifier 20 W 40 W, 28 V, 1805 – 2200 MHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

PTNC210604MD-V2-R5 Datasheet(HTML) 4 Page - WOLFSPEED, INC.

  PTNC210604MD-V2-R5 Datasheet HTML 1Page - WOLFSPEED, INC. PTNC210604MD-V2-R5 Datasheet HTML 2Page - WOLFSPEED, INC. PTNC210604MD-V2-R5 Datasheet HTML 3Page - WOLFSPEED, INC. PTNC210604MD-V2-R5 Datasheet HTML 4Page - WOLFSPEED, INC. PTNC210604MD-V2-R5 Datasheet HTML 5Page - WOLFSPEED, INC. PTNC210604MD-V2-R5 Datasheet HTML 6Page - WOLFSPEED, INC. PTNC210604MD-V2-R5 Datasheet HTML 7Page - WOLFSPEED, INC. PTNC210604MD-V2-R5 Datasheet HTML 8Page - WOLFSPEED, INC. PTNC210604MD-V2-R5 Datasheet HTML 9Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
PTNC210604MD
4
Rev. 03.5, 2022-1-27
© 2022 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
Typical Performance (data taken in test fixture, 2100 MHz to 2200 MHz)
Figure 3. Single-carrier WCDMA Broadband Performance
Figure 5. Small Signal CW Gain & Input Return Loss
Figure 4. CW Performance
Figure 6. IMD versus two-tone spacing
-36
-34
-32
-30
-28
2100
2120
2140
2160
2180
2200
Frequency (MHz)
Single-carrier WCDMA Broadband
Performance
VDD = 28 V, IDQ1M = 63 mA, IDQ2M = 150 mA,
IDQ1P = 40 mA, VGS2P = 2.6 V, POUT = 40 dBm,
3GPP WCDMA signal, PAR = 10 dB
ACPL
ACPU
ptnc210604md_g4
-30
-20
-10
0
15
20
25
30
1800
1900
2000
2100
2200
Frequency (MHz)
Small Signal CW
Gain & Input Return Loss
VDD = 28 V, IDQ1 = 34 mA, IDQ2 = 148 mA
Input Return Loss
Gain
ptnc210604md_g6
0
15
30
45
60
0
10
20
30
40
30 32 34 36 38 40 42 44 46 48 50
Output Power (dBm)
CW Performance
VDD = 28 V, IDQ1M = 63 mA, IDQ2M = 150 mA,
IDQ1P = 40 mA, VGS2P = 2.6 V
2100 MHz Gain
2150 MHz Gain
2200 MHz Gain
2100 MHz Eff
2150 MHz Eff
2200 MHz Eff
Efficiency
Gain
ptnc210604md_g5
-90
-80
-70
-60
-50
-40
-30
-20
-10
10
100
Two-tone Spacing (MHz)
IMD versus two-tone spacing
VDD = 28 V, IDQ1M = 63 mA, IDQ2M = 150 mA,
IDQ1P = 40 mA, VGS2P= 2.6 V,
(ƒ1+ƒ2)/2 = Center Frequency of 2155 MHz
IM5U
IM3L
IM3U
IM5L
IM7L
IM7U
ptnc210604md_g7
-36
-34
-32
-30
-28
2100
2120
2140
2160
2180
2200
Frequency (MHz)
Single-carrier WCDMA Broadband
Performance
VDD = 28 V, IDQ1M = 63 mA, IDQ2M = 150 mA,
IDQ1P = 40 mA, VGS2P = 2.6 V, POUT = 40 dBm,
3GPP WCDMA signal, PAR = 10 dB
ACPL
ACPU
ptnc210604md_g4
-30
-20
-10
0
15
20
25
30
1800
1900
2000
2100
2200
Frequency (MHz)
Small Signal CW
Gain & Input Return Loss
VDD = 28 V, IDQ1 = 34 mA, IDQ2 = 148 mA
Input Return Loss
Gain
ptnc210604md_g6
0
15
30
45
60
0
10
20
30
40
30 32 34 36 38 40 42 44 46 48 50
Output Power (dBm)
CW Performance
VDD = 28 V, IDQ1M = 63 mA, IDQ2M = 150 mA,
IDQ1P = 40 mA, VGS2P = 2.6 V
2100 MHz Gain
2150 MHz Gain
2200 MHz Gain
2100 MHz Eff
2150 MHz Eff
2200 MHz Eff
Efficiency
Gain
ptnc210604md_g5
-90
-80
-70
-60
-50
-40
-30
-20
-10
10
100
Two-tone Spacing (MHz)
IMD versus two-tone spacing
VDD = 28 V, IDQ1M = 63 mA, IDQ2M = 150 mA,
IDQ1P = 40 mA, VGS2P= 2.6 V,
(ƒ1+ƒ2)/2 = Center Frequency of 2155 MHz
IM5U
IM3L
IM3U
IM5L
IM7L
IM7U
ptnc210604md_g7



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com